Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APE8951 Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part No. APE8951
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8951 Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE8951 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Advanced Power
Electronics Corp.
APE8951
FUNCTION PIN DESCRIPTION
FB
VOUT = 0.8 x (1 + R1/R2)
VIN and Exposed Pad
VCNTL
POK
EN
VOUT
FUNCTION DESCRIPTION
Power-On-Reset
Internal Soft-Start
Current Limit
4
Connecting this pin to an external resistor divider receives the feedback voltage of
the regulator. The output voltage set by the resistor divider is determined by:
Where R1 is connected from VOUT to FB with Kelvin sensing and R2 is connected
from FB to GND. A bypass capacitor may be connected with R1 in parallel to improve load
transient response. The recommended R2 and R1 are in the range of 1k~100kohm.
Main supply input pins for power conversions. The exposed pad provides a very low
impedance input path for the main supply voltage. Please tie the exposed pad and VIN Pin
(Pin 5) together to reduce the dropout voltage. The voltage at this pin is monitored for
Power-On Reset purpose.
Power input pin of the control circuitry. Connecting this pin to a +5V(recommended)
supply voltage provides the bias for the control circuitry. The voltage at this pin is monitored
for Power-On Reset purpose.
Power-OK signal output pin. This pin is an open-drain output used to indicate status
of output voltage by sensing FB voltage. This pin is pulled low when the rising FB voltage
is not above the VPOK threshold or the falling FB voltage is below the VPNOK threshold,
indicating the output is not OK.
Enable control pin. Pulling and holding this pin below 0.4V shuts down the output.
When re-enabled, the IC undergoes a new soft-start cycle. Left this pin open, an internal
current source 10uA pulls this pin up to VCNTL voltage, enabling the regulator.
Output of the regulator. Please connect Pin 3 and 4 together using wide tracks. It's
necessary to connect an output capacitor with this pin for closed-loop compensation and
improving transient responses.
Power-On-Reset (POR) circuit monitors both input voltages at VCNTL and VIN pins
to prevent wrong logic controls. The POR function initiates a soft-start process after the
two supply voltages exceed their rising POR threshold voltages during powering on. The
POR function also pulls low the POK pin regardless the output voltage when the VCNTL
voltage falls below it’s falling POR threshold.
An internal soft-start function controls rise rate of the output voltage to limit the
current surge at start-up. The typical soft-start interval is about 2ms.
The APE8951 monitors the current via the output NMOS and limits the maximum
current to prevent load and APE8951 from damage during overload or short circuit


Similar Part No. - APE8951

ManufacturerPart No.DatasheetDescription
Advanced Power Electronics Corp.
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8955 A-POWER-APE8955 Datasheet
541Kb / 8P
   5A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - APE8951

ManufacturerPart No.DatasheetDescription
BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Richtek Technology Corporation
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manuf...
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
List of Unclassifed Manufacturers
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
Richtek Technology Corporation
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
Unisonic Technologies
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
HTC Korea TAEJIN Technology Co.
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz