Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP01L60AT Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part No. AP01L60AT
Description  Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and costeffectiveness effectiveness
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  A-POWER [Advanced Power Electronics Corp.]
Homepage  http://www.a-power.com.tw
Logo 

AP01L60AT Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Normalized BVDSS v.s. Junction
Fig 4. Normalized On-Resistance
Temperature
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3/4
AP01L60AT
0
0.4
0.8
1.2
1.6
2
2.4
2.8
-50
0
50
100
150
T j , Junction Temperature (
o C )
I D =0.5A
V GS =10V
0
0.5
1
1.5
012
24
36
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
6.0V
5.5V
5.0V
V GS =4.5V
0
0.25
0.5
0.75
1
0
1020
3040
V DS , Drain-to-Source Voltage (V)
T A =150
o C
10V
5.0V
4.5V
V GS =4.0V
0.01
0.1
1
10
0
0.4
0.8
1.2
V SD , Source-to-Drain Voltage (V)
T j = 150
o C
T j = 25
o C
1
2
3
4
-50
0
50
100
150
T j , Junction Temperature (
o C )
0.8
0.9
1
1.1
1.2
-50
0
50
100
150
T j , Junction Temperature (
o C)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn