Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MHW1916 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MHW1916
Description  Microwave Bipolar Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 3 page
background image
3
MHW1916
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 301AK–01
ISSUE B
L
A
M
1.02 (0.040)
T
–B–
12
3
4
5
6 7
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION F TO CENTER OF LEADS.
4. REF INDICATES NON–CONTROLLED DIMENSION
FOR REFERENCE USE ONLY.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
2.638
2.662
67.01
67.61
B
2.075 REF
52.71 REF
C
–––
0.375
–––
9.53
D
0.017
0.023
0.43
0.58
E
0.098
0.114
2.49
2.90
F
0.134
0.156
3.40
3.96
G
2.405 BSC REF
61.09 BSC REF
H
1.900 BSC
48.26 BSC
J
0.390
0.430
9.91
10.92
K
0.175
0.217
4.45
5.51
L
1.800 BSC
45.72 BSC
M
0.800 BSC
20.32 BSC
N
1.600 BSC
40.64 BSC
P
0.010 REF
0.25 REF
Q
0.133
0.147
3.38
3.73
R
0.800
0.820
20.32
20.83
S
0.668
0.692
16.97
17.58
U
1.300 BSC
33.02 BSC
W
0.200 BSC
5.08 BSC
X
0.100 BSC
2.54 BSC
–S–
W
U
N
L
H
M
X
D
J
R
K
7 PL
Q 2 PL
–A–
G
B
M
0.43 (0.017)
T
M
S
M
0.20 (0.008)
A L
T
P 7 PL
–T–
SEATING
PLANE
C
E
F
STYLE 1:
PIN 1. RF INPUT
2. DC TERMINAL, Vs1
3. DC TERMINAL, Vs2
4. DC TERMINAL, Vb
5. DC TERMINAL, Vs3
6. DC TERMINAL, Vs4
7. RF OUTPUT




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MHW1815Microwave Bipolar Power Amplifier 1 2 3 4 Motorola, Inc
MHW1915Microwave Bipolar Power Amplifier 1 2 3 4 Motorola, Inc
TMD1925-3MICROWAVE POWER MMIC AMPLIFIER 1 2 3 4 5 Toshiba Semiconductor
UPC2714T1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
SRF4427RF AND MICROWAVE DISCRETE LOW POWER TRANSISTORS GENERAL RF AMPLIFIER APPLICATIONS 1 2 3 Advanced Power Technology
M68762SLSilicon Bipolar Power Amplifier 350-400MHz 30W FM Mobile 1 Mitsubishi Electric Semiconductor
KIA6213SBIPOLAR LINEAR INTEGRATED CIRCUIT AUDIO POWER AMPLIFIER 1 2 3 4 KEC(Korea Electronics)
KIA8200AHBIPOLAR LINEAR INTEGRATED CIRCUIT DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
UPC2715T1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
KIA6216HBIPOLAR LINEAR INTEGRATED CIRCUIT 15W BTL X 2CH AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl