Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C2665KV18 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C2665KV18
Description  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C2665KV18 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C2665KV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C2665KV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C2665KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C2665KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C2665KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C2665KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C2665KV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C2665KV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C2665KV18 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CY7C2663KV18, CY7C2665KV18
Document Number: 001-44141 Rev. *K
Page 7 of 31
specified location. Therefore, write accesses to the device can
not be initiated on two consecutive K clock rises. The internal
logic of the device ignores the second write request. Write
accesses can be initiated on every other rising edge of the
positive input clock (K). Doing so pipelines the data flow such
that 18 bits of data can be transferred into the device on every
rising edge of the input clocks (K and K).
When deselected, the write port ignores all inputs after the
pending write operations have been completed.
Byte Write Operations
Byte write operations are supported by the CY7C2663KV18. A
write operation is initiated as described in the section Write
Operations on page 6. The bytes that are written are determined
by BWS0 and BWS1, which are sampled with each set of 18-bit
data words. Asserting the appropriate BWS input during the data
portion of a write latches the data being presented and writes it
into the device. Deasserting the BWS input during the data
portion of a write enables the data stored in the device for that
byte to remain unaltered. This feature can be used to simplify
read, modify, or write operations to a byte write operation.
Concurrent Transactions
The read and write ports on the CY7C2663KV18 operate
completely independently of one another. As each port latches
the address inputs on different clock edges, the user can read or
write to any location, regardless of the transaction on the other
port. If the ports access the same location when a read follows a
write in successive clock cycles, the SRAM delivers the most
recent information associated with the specified address
location. This includes forwarding data from a write cycle that
was initiated on the previous K clock rise.
Read access and write access must be scheduled such that one
transaction is initiated on any clock cycle. If both ports are
selected on the same K clock rise, the arbitration depends on the
previous state of the SRAM. If both ports are deselected, the
read port takes priority. If a read was initiated on the previous
cycle, the write port takes priority (as read operations can not be
initiated on consecutive cycles). If a write was initiated on the
previous cycle, the read port takes priority (as write operations
can not be initiated on consecutive cycles). Therefore, asserting
both port selects active from a deselected state results in alter-
nating read or write operations being initiated, with the first
access being a read.
Depth Expansion
The CY7C2663KV18 has a port select input for each port. This
enables for easy depth expansion. Both port selects are sampled
on the rising edge of the positive input clock only (K). Each port
select input can deselect the specified port. Deselecting a port
does not affect the other port. All pending transactions (read and
write) are completed before the device is deselected.
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin
on the SRAM and VSS to allow the SRAM to adjust its output
driver impedance. The value of RQ must be 5 × the value of the
intended line impedance driven by the SRAM, the allowable
range of RQ to guarantee impedance matching with a tolerance
of ±15% is between 175
 and 350 , with VDDQ =1.5 V. The
output impedance is adjusted every 1024 cycles upon power-up
to account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the QDR II+ to simplify data capture
on high-speed systems. Two echo clocks are generated by the
QDR II+. CQ is referenced with respect to K and CQ is
referenced with respect to K. These are free-running clocks and
are synchronized to the input clock of the QDR II+. The timing
for the echo clocks is shown in the Switching Characteristics on
page 24.
Valid Data Indicator (QVLD)
QVLD is provided on the QDR II+ to simplify data capture on
high-speed systems. The QVLD is generated by the QDR II+
device along with data output. This signal is also edge-aligned
with the echo clock and follows the timing of any data pin. This
signal is asserted half a cycle before valid data arrives.
On-Die Termination (ODT)
These devices have an ODT feature for data inputs (D[x:0]), byte
write selects (BWS[x:0]), and input clocks (K and K). The
termination resistors are integrated within the chip. The ODT
range selection is enabled through ball R6 (ODT pin). The ODT
termination tracks value of RQ where RQ is the resistor tied to
the ZQ pin. ODT range selection is made during power-up
initialization. A low on this pin selects a low range that follows
RQ/3.33 for 175
< RQ < 350 (where RQ is the resistor tied
to ZQ pin)
A HIGH on this pin selects a high range that follows
RQ/1.66 for 175
< RQ < 250 (where RQ is the resistor tied
to ZQ pin). When left floating, a high range termination value is
selected by default. For a detailed description of ODT
implementation, refer to the application note, AN42468, On-Die
Termination for QDRII+/DDRII+ SRAMs.
PLL
These chips use a PLL that is designed to function between
120 MHz and the specified maximum clock frequency. During
power-up, when the DOFF is tied high, the PLL is locked after
20
s of stable clock. The PLL can also be reset by slowing or
stopping the input clocks K and K for a minimum of 30 ns.
However, it is not necessary to reset the PLL to lock to the
desired frequency. The PLL automatically locks 20
s after a
stable clock is presented. The PLL may be disabled by applying
ground to the DOFF pin. When the PLL is turned off, the device
behaves in QDR I mode (with one cycle latency and a longer
access time).


Similar Part No. - CY7C2665KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266-20JC CYPRESS-CY7C266-20JC Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266-20JC CYPRESS-CY7C266-20JC Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266-20WC CYPRESS-CY7C266-20WC Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266-20WC CYPRESS-CY7C266-20WC Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
More results

Similar Description - CY7C2665KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1663KV18 CYPRESS-CY7C1663KV18 Datasheet
779Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2163KV18 CYPRESS-CY7C2163KV18 Datasheet
874Kb / 30P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18 CYPRESS-CY7C25632KV18_13 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263KV18 CYPRESS-CY7C2263KV18 Datasheet
910Kb / 32P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2563XV18 CYPRESS-CY7C2563XV18 Datasheet
614Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2644KV18 CYPRESS-CY7C2644KV18 Datasheet
840Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C2263XV18 CYPRESS-CY7C2263XV18 Datasheet
1Mb / 29P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2245KV18 CYPRESS-CY7C2245KV18 Datasheet
841Kb / 28P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com