Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C2268KV18 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C2268KV18
Description  36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C2268KV18 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C2268KV18_12 Datasheet HTML 1Page - Cypress Semiconductor CY7C2268KV18_12 Datasheet HTML 2Page - Cypress Semiconductor CY7C2268KV18_12 Datasheet HTML 3Page - Cypress Semiconductor CY7C2268KV18_12 Datasheet HTML 4Page - Cypress Semiconductor CY7C2268KV18_12 Datasheet HTML 5Page - Cypress Semiconductor CY7C2268KV18_12 Datasheet HTML 6Page - Cypress Semiconductor CY7C2268KV18_12 Datasheet HTML 7Page - Cypress Semiconductor CY7C2268KV18_12 Datasheet HTML 8Page - Cypress Semiconductor CY7C2268KV18_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
CY7C2268KV18, CY7C2270KV18
36-Mbit DDR II+ SRAM Two-Word Burst
Architecture (2.5 Cycle Read Latency) with ODT
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-57845 Rev. *E
Revised October 22, 2012
36-Mbit DDR II+ SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Features
36-Mbit density (2 M × 18, 1 M × 36)
550 MHz clock for high bandwidth
Two-word burst for reducing address bus frequency
Double data rate (DDR) interfaces (data transferred at
1100 MHz) at 550 MHz
Available in 2.5 clock cycle latency
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Echo clocks (CQ and CQ) simplify data capture in high speed
systems
Data valid pin (QVLD) to indicate valid data on the output
On-die termination (ODT) feature
Supported for D[x:0], BWS[x:0], and K/K inputs
Synchronous internally self-timed writes
DDR II+ operates with 2.5 cycle read latency when DOFF is
asserted HIGH
Operates similar to DDR I device with 1 cycle read latency when
DOFF is asserted LOW
Core VDD = 1.8 V ± 0.1 V; I/O VDDQ = 1.4 V to VDD
[1]
Supports both 1.5 V and 1.8 V I/O supply
HSTL inputs and variable drive HSTL output buffers
Available in 165-ball FBGA package (13 × 15 × 1.4 mm)
Offered in both Pb-free and non Pb-free packages
JTAG 1149.1 compatible test access port
Phase-locked loop (PLL) for accurate data placement
Configurations
With Read Cycle Latency of 2.5 Cycles:
CY7C2268KV18 – 2 M × 18
CY7C2270KV18 – 1 M × 36
Functional Description
The CY7C2268KV18, and CY7C2270KV18 are 1.8 V
synchronous pipelined SRAMs equipped with DDR II+
architecture. The DDR II+ consists of an SRAM core with
advanced synchronous peripheral circuitry. Addresses for read
and write are latched on alternate rising edges of the input (K)
clock. Write data is registered on the rising edges of both K and
K. Read data is driven on the rising edges of K and K. Each
address location is associated with two 18-bit words
(CY7C2268KV18), or 36-bit words (CY7C2270KV18) that burst
sequentially into or out of the device.
These devices have an on-die termination feature supported for
D[x:0], BWS[x:0], and K/K inputs, which helps eliminate external
termination resistors, reduce cost, reduce board area, and
simplify board routing.
Asynchronous inputs include an output impedance matching
input (ZQ). Synchronous data outputs (Q, sharing the same
physical pins as the data inputs D) are tightly matched to the two
output echo clocks CQ/CQ, eliminating the need for separately
capturing data from each individual DDR SRAM in the system
design.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the K or K input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
Selection Guide
Description
550 MHz
450 MHz
400 MHz
Unit
Maximum operating frequency
550
450
400
MHz
Maximum operating current
× 18
700
600
Not Offered mA
× 36
890
Not Offered
690
Note
1. The Cypress QDR II+ devices surpass the QDR consortium specification and can support VDDQ = 1.4 V to VDD.


Similar Part No. - CY7C2268KV18_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2268KV18-550BZC CYPRESS-CY7C2268KV18-550BZC Datasheet
874Kb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C2268KV18_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2268KV18 CYPRESS-CY7C2268KV18 Datasheet
874Kb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2268XV18 CYPRESS-CY7C2268XV18 Datasheet
907Kb / 29P
   36-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2168KV18 CYPRESS-CY7C2168KV18 Datasheet
879Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
RMQCEA3636DGBA RENESAS-RMQCEA3636DGBA_15 Datasheet
887Kb / 31P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C1268KV18 CYPRESS-CY7C1268KV18_12 Datasheet
871Kb / 28P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25682KV18 CYPRESS-CY7C25682KV18 Datasheet
865Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
RMQCEA3636DGBA RENESAS-RMQCEA3636DGBA Datasheet
416Kb / 31P
   36-Mbit DDR™ II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
Jul. 15, 2015
logo
Cypress Semiconductor
CY7C2568XV18 CYPRESS-CY7C2568XV18_12 Datasheet
883Kb / 29P
   72-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2568XV18 CYPRESS-CY7C2568XV18 Datasheet
908Kb / 29P
   72-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com