Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1364CV33 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1364CV33
Description  9-Mbit (256 K 횞 32) Pipelined Sync SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1364CV33 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1364CV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1364CV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1364CV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1364CV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1364CV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1364CV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1364CV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1364CV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1364CV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CY7C1364CV33
Document Number: 001-74576 Rev. *B
Page 3 of 21
Contents
Pin Configurations ........................................................... 4
Pin Definitions .................................................................. 5
Functional Overview ........................................................ 6
Single Read Accesses ................................................ 6
Single Write Accesses Initiated by ADSP ................... 6
Single Write Accesses Initiated by ADSC ................... 6
Burst Sequences ......................................................... 7
Sleep Mode ................................................................. 7
Interleaved Burst Address Table ................................. 7
Linear Burst Address Table ......................................... 7
ZZ Mode Electrical Characteristics .............................. 7
Truth Table ........................................................................ 8
Truth Table for Read/Write .............................................. 9
Maximum Ratings ........................................................... 10
Operating Range ............................................................. 10
Electrical Characteristics ............................................... 10
Capacitance .................................................................... 11
Thermal Resistance ........................................................ 11
AC Test Loads and Waveforms ..................................... 11
Switching Characteristics .............................................. 12
Switching Waveforms .................................................... 13
Ordering Information ...................................................... 17
Ordering Code Definitions ......................................... 17
Package Diagram ............................................................ 18
Acronyms ........................................................................ 19
Document Conventions ................................................. 19
Units of Measure ....................................................... 19
Document History Page ................................................. 20
Sales, Solutions, and Legal Information ...................... 21
Worldwide Sales and Design Support ....................... 21
Products .................................................................... 21
PSoC Solutions ......................................................... 21


Similar Part No. - CY7C1364CV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1364C-166AJXC CYPRESS-CY7C1364C-166AJXC Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1364C-166AJXI CYPRESS-CY7C1364C-166AJXI Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1364C-166AXC CYPRESS-CY7C1364C-166AXC Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1364C-166AXI CYPRESS-CY7C1364C-166AXI Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1364CV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_12 Datasheet
762Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_12 Datasheet
629Kb / 21P
   4-Mbit (128 K 횞 32) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_12 Datasheet
584Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
CY7C1347G CYPRESS-CY7C1347G_12 Datasheet
538Kb / 25P
   4-Mbit (128 K 횞 36) Pipelined Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1384D CYPRESS-CY7C1384D Datasheet
709Kb / 20P
   18-Mbit (512 K 횞 32) Pipelined SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com