Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1270KV18 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1270KV18
Description  36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1270KV18 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1270KV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C1270KV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1270KV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1270KV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1270KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1270KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1270KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1270KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1270KV18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CY7C1268KV18, CY7C1270KV18
Document Number: 001-57835 Rev. *F
Page 5 of 28
Pin Definitions
Pin Name
I/O
Pin Description
DQ[x:0]
Input output-
synchronous
Data input output signals. Inputs are sampled on the rising edge of K and K clocks during valid write
operations. These pins drive out the requested data when the read operation is active. Valid data is
driven out on the rising edge of both the K and K clocks during read operations. When read access is
deselected, Q[x:0] are automatically tristated.
CY7C1268KV18
 DQ[17:0]
CY7C1270KV18
 DQ[35:0]
LD
Input-
synchronous
Synchronous load. Sampled on the rising edge of the K clock. This input is brought LOW when a bus
cycle sequence is defined. This definition includes address and read/write direction. All transactions
operate on a burst of 2 data. LD must meet the setup and hold times around edge of K.
BWS0,
BWS1,
BWS2,
BWS3
Input-
synchronous
Byte write select 0, 1, 2, and 3
 active LOW. Sampled on the rising edge of the K and K clocks during
write operations. Used to select which byte is written into the device during the current portion of the
write operations. Bytes not written remain unaltered.
CY7C1268KV18
 BWS0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1270KV18
 BWS0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18] and BWS3
controls D[35:27].
All the byte write selects are sampled on the same edge as the data. Deselecting a byte write select
ignores the corresponding byte of data and it is not written into the device.
A
Input-
synchronous
Address inputs. Sampled on the rising edge of the K clock during active read and write operations.
These address inputs are multiplexed for both read and write operations. Internally, the device is
organized as 2 M × 18 (2 arrays each of 1 M × 18) for CY7C1268KV18, and 1 M × 36 (2 arrays each of
512 K × 36) for CY7C1270KV18.
R/W
Input-
synchronous
Synchronous read or write input. When LD is LOW, this input designates the access type (read when
R/W is HIGH, write when R/W is LOW) for loaded address. R/W must meet the setup and hold times
around edge of K.
QVLD
Valid output
indicator
Valid output indicator. The Q Valid indicates valid output data. QVLD is edge aligned with CQ and CQ.
K
Input clock
Positive input clock input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0]. All accesses are initiated on the rising edge of K.
K
Input clock
Negative input clock input. K is used to capture synchronous data being presented to the device and
to drive out data through Q[x:0].
CQ
Echo clock
Synchronous echo clock outputs. This is a free running clock and is synchronized to the input clock
(K) of the DDR II+. The timing for the echo clocks is shown in the Switching Characteristics on page 22.
CQ
Echo clock
Synchronous echo clock outputs. This is a free running clock and is synchronized to the input clock
(K) of the DDR II+. The timing for the echo clocks is shown in the Switching Characteristics on page 22.
ZQ
Input
Output impedance matching input. This input is used to tune the device outputs to the system data
bus impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 × RQ, where RQ is a resistor
connected between ZQ and ground. Alternatively, this pin can be connected directly to VDDQ, which
enables the minimum impedance mode. This pin cannot be connected directly to GND or left
unconnected.
DOFF
Input
PLL turn off
 active LOW. Connecting this pin to ground turns off the PLL inside the device. The timing
in the PLL turned off operation differs from those listed in this data sheet. For normal operation, this pin
can be connected to a pull-up through a 10 k
 or less pull-up resistor. The device behaves in DDR I
mode when the PLL is turned off. In this mode, the device can be operated at a frequency of up to
167 MHz with DDR I timing.


Similar Part No. - CY7C1270KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1270KV18 CYPRESS-CY7C1270KV18 Datasheet
919Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1270KV18-400BZC CYPRESS-CY7C1270KV18-400BZC Datasheet
919Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1270KV18-400BZXC CYPRESS-CY7C1270KV18-400BZXC Datasheet
919Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1270KV18-400BZXI CYPRESS-CY7C1270KV18-400BZXI Datasheet
919Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1270KV18-550BZC CYPRESS-CY7C1270KV18-550BZC Datasheet
919Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1270KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1268XV18 CYPRESS-CY7C1268XV18 Datasheet
900Kb / 28P
   36-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1166KV18 CYPRESS-CY7C1166KV18 Datasheet
874Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCBA3636DGBA RENESAS-RMQCBA3636DGBA_15 Datasheet
849Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1266V18 CYPRESS-CY7C1266V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C12661KV18 CYPRESS-CY7C12661KV18 Datasheet
903Kb / 30P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1146KV18 CYPRESS-CY7C1146KV18 Datasheet
885Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2268KV18 CYPRESS-CY7C2268KV18_12 Datasheet
876Kb / 29P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C11661KV18 CYPRESS-CY7C11661KV18 Datasheet
754Kb / 26P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2268KV18 CYPRESS-CY7C2268KV18 Datasheet
874Kb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com