Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP843P40 Datasheet(PDF) 20 Page - Sony Corporation

Part # CXP843P40
Description  CMOS 8-bit Single Chip Microcomputer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP843P40 Datasheet(HTML) 20 Page - Sony Corporation

Back Button CXP843P40 Datasheet HTML 12Page - Sony Corporation CXP843P40 Datasheet HTML 13Page - Sony Corporation CXP843P40 Datasheet HTML 14Page - Sony Corporation CXP843P40 Datasheet HTML 15Page - Sony Corporation CXP843P40 Datasheet HTML 16Page - Sony Corporation CXP843P40 Datasheet HTML 17Page - Sony Corporation CXP843P40 Datasheet HTML 18Page - Sony Corporation CXP843P40 Datasheet HTML 19Page - Sony Corporation CXP843P40 Datasheet HTML 20Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
– 20 –
CXP843P40
Package Outline
Unit: mm
PACKAGE STRUCTURE
SONY CODE
EIAJ CODE
JEDEC CODE
QFP-80P-L01
QFP080-P-1420
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
42/COPPER ALLOY
1.6g
23.9 ± 0.4
20.0 – 0.1
+ 0.4
1
80
65
64
41
40
25
24
0.8
0.35 – 0.1
+ 0.15
0.1 – 0.05
+ 0.2
2.75 – 0.15
+ 0.35
0.15 – 0.05
+ 0.1
80PIN QFP (PLASTIC)
M
0.2
0.15
0° to 10°
DETAIL A
A


Similar Part No. - CXP843P40

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP84300 SONY-CXP84300 Datasheet
119Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP84332 SONY-CXP84332 Datasheet
236Kb / 19P
   CMOS 8-bit Single Chip Microcomputer
CXP84332M SONY-CXP84332M Datasheet
281Kb / 20P
   CMOS 8-bit Single Chip Microcomputer
CXP84340 SONY-CXP84340 Datasheet
236Kb / 19P
   CMOS 8-bit Single Chip Microcomputer
CXP84340M SONY-CXP84340M Datasheet
281Kb / 20P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP843P40

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com