Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRIX4K Datasheet(PDF) 10 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SRIX4K_11 Datasheet HTML 6Page - STMicroelectronics SRIX4K_11 Datasheet HTML 7Page - STMicroelectronics SRIX4K_11 Datasheet HTML 8Page - STMicroelectronics SRIX4K_11 Datasheet HTML 9Page - STMicroelectronics SRIX4K_11 Datasheet HTML 10Page - STMicroelectronics SRIX4K_11 Datasheet HTML 11Page - STMicroelectronics SRIX4K_11 Datasheet HTML 12Page - STMicroelectronics SRIX4K_11 Datasheet HTML 13Page - STMicroelectronics SRIX4K_11 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Data transfer
SRIX4K
10/48
Doc 8887 Rev 9
3.1.2
Request start of frame
The SOF described in Figure 5 is composed of:
one falling edge,
followed by 10 ETUs at logic-0,
followed by a single rising edge,
followed by at least 2 ETUs (and at most 3) at logic-1.
Figure 5.
Request start of frame
3.1.3
Request end of frame
The EOF shown in Figure 6 is composed of:
one falling edge,
followed by 10 ETUs at logic-0,
followed by a single rising edge.
Figure 6.
Request end of frame
Table 2.
Bit description
Bit
Description
Value
b0
Start bit used to synchronize the transmission
b0 = 0
b1 to b8
Information byte (command, address or data)
The information byte is sent with the
least significant bit first
b9
Stop bit used to indicate the end of a character
b9 = 1
ai07665
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
0000000000
11
ai07666
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
0000000000


Similar Part No. - SRIX4K_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRIX4K-A3S STMICROELECTRONICS-SRIX4K-A3S Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
SRIX4K-A3T STMICROELECTRONICS-SRIX4K-A3T Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
SRIX4K-A4S STMICROELECTRONICS-SRIX4K-A4S Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
SRIX4K-A4T STMICROELECTRONICS-SRIX4K-A4T Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
SRIX4K-A5S STMICROELECTRONICS-SRIX4K-A5S Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
More results

Similar Description - SRIX4K_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRIX4K STMICROELECTRONICS-SRIX4K_07 Datasheet
482Kb / 50P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
SRIX4K STMICROELECTRONICS-SRIX4K_08 Datasheet
401Kb / 47P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
ST25TB04K STMICROELECTRONICS-ST25TB04K Datasheet
860Kb / 47P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
Rev 7 - February 2023
SRI4K STMICROELECTRONICS-SRI4K_11 Datasheet
339Kb / 46P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
SRI4K STMICROELECTRONICS-SRI4K Datasheet
392Kb / 45P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
SRIX4K STMICROELECTRONICS-SRIX4K Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
SRI512 STMICROELECTRONICS-SRI512_08 Datasheet
396Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512_08 Datasheet
387Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRI512 STMICROELECTRONICS-SRI512_11 Datasheet
380Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
ST25TB02K STMICROELECTRONICS-ST25TB02K Datasheet
827Kb / 47P
   13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
Rev 7 - February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com