Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA12667-LXB2-W Datasheet(PDF) 1 Page - Cree, Inc

Part # CA12667-LXB2-W
Description  Leila series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA12667-LXB2-W Datasheet(HTML) 1 Page - Cree, Inc

  CA12667-LXB2-W Datasheet HTML 1Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 2Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 3Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 4Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 5Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 6Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 7Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 8Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Leila series
last update 4/6/2012
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA12584_LXB2-RS2
Leila
Assembly
XB-D
Black
21.6 mm
14.6 mm
Round
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
9 degrees
85 %
21.000
Available
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA12844_LXB2-O-90
Leila
Assembly
XB-D
Black
21.6 mm
14.6 mm
Round
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
10+36 degrees
80 %
4.680
Available
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA12665_LXB2-D
Leila
Assembly
XB-D
Black
21.6 mm
14.6 mm
Round
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
12 degrees
80 %
11.500
Available
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA12666_LXB2-M
Leila
Assembly
XB-D
Black
21.6 mm
14.6 mm
Round
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
22 degrees
81 %
4.590
Available
October 19th 2012 0:25 Copyright Ledil Oy - Subject to change without prior notice - Page 1/3
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA12667-LXB2-W

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12667 CREE-CA12667 Datasheet
251Kb / 5P
   Leila series
logo
Ledil, Inc.
CA12667 LEDIL-CA12667 Datasheet
1Mb / 4P
   ~40째 wide beam optimized for CREE XB-D.
More results

Similar Description - CA12667-LXB2-W

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN11456 CREE-FCN11456 Datasheet
67Kb / 2P
   Leila series
CA11483 CREE-CA11483 Datasheet
1Mb / 23P
   Leila series
FCN10786 CREE-FCN10786 Datasheet
250Kb / 3P
   Leila series
FA10661 CREE-FA10661 Datasheet
423Kb / 9P
   Leila series
FA10660 CREE-FA10660 Datasheet
816Kb / 13P
   Leila series
C13353 CREE-C13353 Datasheet
2Mb / 42P
   Leila series
CA12844 CREE-CA12844 Datasheet
245Kb / 5P
   Leila series
CP12583 CREE-CP12583 Datasheet
229Kb / 4P
   Leila series
CA12665 CREE-CA12665 Datasheet
232Kb / 5P
   Leila series
FA10663 CREE-FA10663 Datasheet
540Kb / 9P
   Leila series
FA10695 CREE-FA10695 Datasheet
270Kb / 3P
   Leila series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com