Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP83625 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP83625
Description  CMOS 8-bit Single Chip Microcomputer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP83625 Datasheet(HTML) 1 Page - Sony Corporation

  CXP83625 Datasheet HTML 1Page - Sony Corporation CXP83625 Datasheet HTML 2Page - Sony Corporation CXP83625 Datasheet HTML 3Page - Sony Corporation CXP83625 Datasheet HTML 4Page - Sony Corporation CXP83625 Datasheet HTML 5Page - Sony Corporation CXP83625 Datasheet HTML 6Page - Sony Corporation CXP83625 Datasheet HTML 7Page - Sony Corporation CXP83625 Datasheet HTML 8Page - Sony Corporation CXP83625 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
CMOS 8-bit Single Chip Microcomputer
Description
The CXP83620/83624 and the CXP83621/83625
are CMOS 8-bit single chip microcomputer integrating
on a single chip an A/D converter, serial interface,
timer/counter, time-base timer, sub timer/counter, LCD
controller/driver and remote control reception circuit
besides the basic configurations of 8-bit CPU, ROM,
RAM, and I/O port.
The CXP83620/83624 and the CXP83621/83625 also
provide a sleep/stop function that enables lower power
consumption.
Features
• Wide-range instruction system (213 instructions) to
cover various types of data.
— 16-bit arithmetic/multiplication and division/boolean
bit operation instructions
• Minimum instruction cycle
400ns at 10MHz operation (4.5 to 5.5V)
1µs at 4MHz operation (2.7 to 5.5V)
122µs at 32kHz operation (2.7 to 5.5V)
• Incorporated ROM capacity
20K bytes (CXP83620, 83621)
24K bytes (CXP83624, 83625)
• Incorporated RAM capacity
736 bytes (includes LCD display data area and serial interface RAM)
• Peripheral functions
— A/D converter
8-bit, 8-channel, successive approximation method
(Conversion time of 12.4µs/10MHz)
— Serial interface
Incorporated buffer RAM
(Auto transfer for 1 to 32 bytes), 1 channel
8-bit clock synchronized type (MSB/LSB first selectable), 1 channel
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time-base timer,
Sub timer/counter
— LCD controller/driver
Maximum 128 segment display possible (during 1/4 duty)
4 common output, 32 segment output
Display method static, 1/2, 1/3, 1/4 duty
Bias method 1/2, 1/3 bias
— Remote control reception circuit
8-bit pulse measuring counter, 6-stage FIFO
• Interruption
14 factors, 14 vectors, multi-interruption possible
• Standby mode
Sleep/stop
• Package
80-pin plastic QFP/LQFP
• Piggy/evaluation chip
CXP83600 (CXP83620, 83624)
CXP83601 (CXP83621, 83625)
Structure
Silicon gate CMOS IC
– 1 –
E98134B96
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXP83620/83624
CXP83621/83625
CXP83620/83624
80 pin QFP (Plastic)
80 pin LQFP (Plastic)
CXP83621/83625
80 pin QFP (Plastic)


Similar Part No. - CXP83625

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP836P60 SONY-CXP836P60 Datasheet
424Kb / 30P
   CMOS 8-bit Single Chip Microcomputer
CXP836P61 SONY-CXP836P61 Datasheet
424Kb / 30P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP83625

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com