Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP836P61 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXP836P61
Description  CMOS 8-bit Single Chip Microcomputer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP836P61 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXP836P61 Datasheet HTML 3Page - Sony Corporation CXP836P61 Datasheet HTML 4Page - Sony Corporation CXP836P61 Datasheet HTML 5Page - Sony Corporation CXP836P61 Datasheet HTML 6Page - Sony Corporation CXP836P61 Datasheet HTML 7Page - Sony Corporation CXP836P61 Datasheet HTML 8Page - Sony Corporation CXP836P61 Datasheet HTML 9Page - Sony Corporation CXP836P61 Datasheet HTML 10Page - Sony Corporation CXP836P61 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
– 7 –
CXP836P60, CXP836P61
Symbol
I/O
Functions
Output/Output
PF0/SEG24
to
PF7/SEG31
(Port F)
8-bit output port.
(8 pins)
Output/Output
PD0/SEG16
to
PD7/SEG23
(Port D)
8-bit output port.
(8 pins)
Output
SEG0 to SEG15
LCD segment signal output. (16 pins)
Input
Crystal connectors for system clock oscillation. When the clock is supplied
externally, input to EXTAL; opposite phase clock should be input to XTAL.
EXTAL
Output
COM0 to COM3
LCD common signal output. (4 pins)
VLC1 to VLC3
LCD bias power supply. (3 pins)
Output
VL
Control pin to cut off the current flowing to external LCD bias resistor
during standby.
XTAL
Input
Low-level active system reset.
Positive power supply pin for writing of built-in PROM.
Do not make any connections under normal operation.
Positive power supply.
GND.
RST
Vpp
VDD
VSS
LCD segment signal outputs.
(16 pins)


Similar Part No. - CXP836P61

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP83620 SONY-CXP83620 Datasheet
423Kb / 30P
   CMOS 8-bit Single Chip Microcomputer
CXP83621 SONY-CXP83621 Datasheet
423Kb / 30P
   CMOS 8-bit Single Chip Microcomputer
CXP83624 SONY-CXP83624 Datasheet
423Kb / 30P
   CMOS 8-bit Single Chip Microcomputer
CXP83625 SONY-CXP83625 Datasheet
423Kb / 30P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP836P61

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com