Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP83512 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXP83512
Description  CMOS 8-bit Single Chip Microcomputer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP83512 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXP83512 Datasheet HTML 2Page - Sony Corporation CXP83512 Datasheet HTML 3Page - Sony Corporation CXP83512 Datasheet HTML 4Page - Sony Corporation CXP83512 Datasheet HTML 5Page - Sony Corporation CXP83512 Datasheet HTML 6Page - Sony Corporation CXP83512 Datasheet HTML 7Page - Sony Corporation CXP83512 Datasheet HTML 8Page - Sony Corporation CXP83512 Datasheet HTML 9Page - Sony Corporation CXP83512 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
– 6 –
CXP83508/83512/83516, CXP83509/83513/83517
Pin Description
Symbol
I/O
Functions
I/O/Analog input
PA0/AN0
to
PA7/AN7
(Port A)
8-bit I/O port. I/O can
be set in a bit unit.
Standby release input
can be set in a bit unit.
Incorporation of pull-up
resistor can be set
through the program in
a bit unit.
(8 pins)
Analog inputs to A/D converter.
(8 pins)
I/O
PC0 to PC7
PE0/INT0/EC
PE1/INT1
PE2/INT2
PE3/INT3
PE4/RMC
PE5/TO
PE6/ADJ
PH0/INT4
PI0/TX
PI1/TEX
Input/Input/Input
Input/Input
Input/Input
Input/Input
Input/Input
Output/Output
Output/Output
I/O/Input
Input
Input/Input
(Port C)
8-bit I/O port. I/O can be set in a bit unit. Capable of driving 12mA sink
current. Incorporation of pull-up resistor can be set through the program
in a bit unit.
(8 pins)
(Port E)
7-bit port. Lower 5 bits
are for inputs; upper 2
bits are for outputs.
(7 pins)
(Port H)
1-bit I/O port.
Incorporation of pull-up
resistor can be set
through the program.
(1 pin)
(Port I)
2-bit input port.
(2 pins)
External interruption request input.
(1 pin)
Crystal connectors for sub timer/counter clock
oscillation. For usage as event counter, input to
TEX, and leave TX open.
External event inputs for 8-bit timer/counter.
External interruption request inputs.
(4 pins)
Remote control reception circuit input.
Output for 8-bit timer/counter rectangular wave.
Output for TEX oscillation frequency division.
I/O
I/O/Input
I/O/I/O
I/O/Input
I/O/Output
I/O/I/O
I/O/Input
I/O/Output
PB0
PB1/CS0
PB2/SCK0
PB3/SI0
PB4/SO0
PB5/SCK1
PB6/SI1
PB7/SO1
(Port B)
8-bit I/O port. I/O can
be set in a bit unit.
Incorporation of pull-up
resistor can be set
through the program in
a bit unit.
(8 pins)
Chip select input for serial interface (CH0).
Serial clock I/O (CH0).
Serial data input (CH0).
Serial data output (CH0).
Serial clock I/O (CH1).
Serial data input (CH1).
Serial data output (CH1).


Similar Part No. - CXP83512

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP83120A SONY-CXP83120A Datasheet
557Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP83124A SONY-CXP83124A Datasheet
557Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP83200A SONY-CXP83200A Datasheet
537Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP83232A SONY-CXP83232A Datasheet
557Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP83240A SONY-CXP83240A Datasheet
557Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP83512

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com