Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR95HF Datasheet(PDF) 4 Page - STMicroelectronics

Part # CR95HF
Description  13.56-MHz multi-protocol contactless transceiver IC with SPI and UART serial access
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR95HF Datasheet(HTML) 4 Page - STMicroelectronics

  CR95HF Datasheet HTML 1Page - STMicroelectronics CR95HF Datasheet HTML 2Page - STMicroelectronics CR95HF Datasheet HTML 3Page - STMicroelectronics CR95HF Datasheet HTML 4Page - STMicroelectronics CR95HF Datasheet HTML 5Page - STMicroelectronics CR95HF Datasheet HTML 6Page - STMicroelectronics CR95HF Datasheet HTML 7Page - STMicroelectronics CR95HF Datasheet HTML 8Page - STMicroelectronics CR95HF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
Description
CR95HF
4/63
Doc ID 018669 Rev 8
1
Description
The CR95HF is an integrated transceiver IC for contactless applications.
The CR95HF manages frame coding and decoding in Reader mode for standard
applications such as near field communication (NFC), proximity and vicinity standards.
The CR95HF embeds an Analog Front End to provide the 13.56 MHz Air Interface.
The CR95HF supports ISO/IEC 14443 Type A and B, ISO/IEC 15693 (single or double
subcarrier) and ISO/IEC 18092 protocols.
The CR95HF also supports the detection, reading and writing of NFC Forum Type 1, 2, 3
and 4 tags.
1.1
Block diagram
Figure 1.
CR95HF application overview
CR95HF
Host
Interrupt Management
SPI
UART
Controller
(MCU)
Figure 2.
CR95HF block diagram
CR95HF
Frame Controller
AFE IP
Configuration
register
Reader
ISO/IEC 14443
Type A and B
ISO/IEC 15693
ISO/IEC 18092
Digital
Tag
Detector
Timer
Accelerators
Encoder/Decoder
FIFO
AFE
Signal
Mux
Mod/
Demod
Tag
Detector
Status
registers
User interface
SPI
UART
Interrupt
Power & Clock
Management
Host
(User
Side)
XIN
XOUT
TX1
TX2
RX2
RX1
VPS_TX
GND_TX
VPS_Main
GND_Dig
GND_RX
27.12 MHz


Similar Part No. - CR95HF

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CR900-B DFI-CR900-B Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR901-B DFI-CR901-B Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR902-B DFI-CR902-B Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR902-B3120ME DFI-CR902-B3120ME Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR902-B3517UE DFI-CR902-B3517UE Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
More results

Similar Description - CR95HF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
S6700 TI-S6700 Datasheet
91Kb / 3P
[Old version datasheet]   Multi-Protocol Transceiver IC
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
NXP Semiconductors
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
ATMEL Corporation
AT90RF135602 ATMEL-AT90RF135602 Datasheet
800Kb / 35P
   INTEGRATED 13.56 MHz CONTACTLESS READER WITH EMBEDED SOFTWARE
logo
Texas Instruments
DK-EM2-7960R TI-DK-EM2-7960R Datasheet
158Kb / 3P
[Old version datasheet]   13.56 MHz RFID Protocol on Stellaris짰
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
logo
Exar Corporation
XR20V2170 EXAR-XR20V2170 Datasheet
959Kb / 52P
   I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
logo
NEC
UPD72001-11 NEC-UPD72001-11 Datasheet
206Kb / 40P
   MULTI-PROTOCOL SERIAL CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com