Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C12469 Datasheet(PDF) 2 Page - Cree, Inc

Part # C12469
Description  Lisa2 series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C12469 Datasheet(HTML) 2 Page - Cree, Inc

  C12469 Datasheet HTML 1Page - Cree, Inc C12469 Datasheet HTML 2Page - Cree, Inc C12469 Datasheet HTML 3Page - Cree, Inc C12469 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT DATASHEET
Lisa2 series
last update 10/4/2012
GENERAL INFORMATION
- Product series especially designed & optimized for XP-E series of LEDs.
- Special care taken to make light distribution as uniform as possible.
- Reflector is made of aluminium coated PC (120 degrees of Celcius / 248 degrees of Fahrenheit) with
protective lacquer (110 degrees of Celcius / 230 degrees of Fahrenheit).
- Fastening to PCB with appropriate adhesive. By clicking link below you can find Ledil recommended glue
options.
http://www.ledil.com/datasheets/DataSheet_GLUES.pdf
NOTE 1: We advise customer to ensure the suitability and sufficiency of the bond in the end
product. For example, mechanical stress, vibration and holes on the surface of the circuit boar
weaken the strength of the glue.
NOTE 2: All surfaces where glue is applied must be clean, dry and free from grease and dirt. If
cleaning of PCB surfaces is needed, please follow strictly the cleaning instructions of your LED
manufacturer -this is important as cleaning shall under no circumstances damage LEDs or other
electronics components on the PCB.
Further note that optical components shall not be cleaned with any chemicals - only micro fiber
cloth may be used to remove fingerprints or other traces from handling.
September 14th 2012 18:51 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C12469

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12469 LEDIL-C12469 Datasheet
3Mb / 11P
   White mini reflector with ~80째 wide beam.
C12469-LISA2-R-PIN LEDIL-C12469-LISA2-R-PIN Datasheet
1Mb / 28P
   Lisa series
More results

Similar Description - C12469

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com