Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP834P16 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP834P16
Description  CMOS 8-bit Single Chip Microcomputer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP834P16 Datasheet(HTML) 1 Page - Sony Corporation

  CXP834P16 Datasheet HTML 1Page - Sony Corporation CXP834P16 Datasheet HTML 2Page - Sony Corporation CXP834P16 Datasheet HTML 3Page - Sony Corporation CXP834P16 Datasheet HTML 4Page - Sony Corporation CXP834P16 Datasheet HTML 5Page - Sony Corporation CXP834P16 Datasheet HTML 6Page - Sony Corporation CXP834P16 Datasheet HTML 7Page - Sony Corporation CXP834P16 Datasheet HTML 8Page - Sony Corporation CXP834P16 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
– 1 –
CXP834P16
CXP834P17
E93Z14B63-ST
CMOS 8-bit Single Chip Microcomputer
Description
The CXP834P16 and CXP834P17 are a CMOS
8-bit microcomputer which consists of A/D converter,
serial interface, timer/counter, time base timer,
32kHz timer/counter, LCD controller/driver, remote
control receiving circuit and PWM output, as well as
basic configurations like 8-bit CPU, PROM, RAM
and I/O port. They are integrated into a single chip.
Also CXP834P16 and CXP834P17 provide sleep/
stop
function
which
enables
to
lower
power
consumption.
The CXP834P16 and CXP834P17 are the PROM-
incorporated
version
of
the
CXP83416
and
CXP83417 with built-in mask ROM. These provide
the additional feature of being able to write directly
into the program. Thus, they are most suitable for
evaluation use during system development and for
small-quantity production.
Features
• A wide instruction set (213 instructions) which covers various types of data
— 16-bit arithmetic/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle
400ns at 10MHz operation (4.5 to 5.5V)
122µs at 32kHz operation (2.7 to 5.5V)
• Incorporated PROM capacity
16K bytes
• Incorporated RAM capacity
448 bytes (LCD display data area included)
• Peripheral functions
— A/D converter
8 bits, 8 channels, successive approximation system
(Conversion time: 32µs/10MHz)
— Serial interface
Incorporated 8-bit and 8-stage FIFO
(1 to 8 bytes auto transfer), 1 circuit 2 channels
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time base timer, 32kHz timer/counter
— LCD controller/driver
Maximum 128 segments display possible (During 1/4 duty)
4 common outputs, 32 segment outputs
Display method: Static, 1/2, 1/3 and 1/4 duty
Bias method: 1/2 and 1/3 bias
— Remote control receiving circuit
8-bit pulse measurement counter 6-stage FIFO
— PWM output
14 bits 1 channel, 8 bits 1 channel
• Interruption
12 factors, 12 vectors, multi-interruption possible
• Standby mode
SLEEP/STOP
• Package
80-pin plastic QFP/LQFP
Structure
Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXP834P16
80 pin QFP (Plastic)
80 pin LQFP (Plastic)
CXP834P17
80 pin QFP (Plastic)


Similar Part No. - CXP834P16

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP83400 SONY-CXP83400 Datasheet
223Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP83401 SONY-CXP83401 Datasheet
223Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP83408 SONY-CXP83408 Datasheet
586Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP83409 SONY-CXP83409 Datasheet
586Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP83412 SONY-CXP83412 Datasheet
586Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP834P16

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com