Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2236E Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF2236E
Description  1642.5 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2236E Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF2236E Datasheet HTML 1Page - RF Monolithics, Inc SF2236E Datasheet HTML 2Page - RF Monolithics, Inc SF2236E Datasheet HTML 3Page - RF Monolithics, Inc SF2236E Datasheet HTML 4Page - RF Monolithics, Inc SF2236E Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 5
©2011 by RF Monolithics,
SF2236E - 1/6/11
Tape and Reel Specifications
“B”
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
3000
See Detail "A"
2.0
12.0
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
3.35 mm
Bo
3.35 mm
Ko
1.40 mm
Pitch
8.0 mm
W12.0 mm
RO.3
(MAX.)
Ko
SECTION A-A
0.3 ± 0.05
SECTION B-B
Bo
2.0
4.0
Ao
Pitch
BB
A
R0.5
(MAX.)
A
1.5
1.50
PIN #1
USER DIRECTION OF FEED


Similar Part No. - SF2236E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2236E MURATA-SF2236E Datasheet
490Kb / 5P
   1642.5 MHz SAW Filter
More results

Similar Description - SF2236E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2236G RFM-SF2236G Datasheet
405Kb / 5P
   1642.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2236E MURATA-SF2236E Datasheet
490Kb / 5P
   1642.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1307A TAI-SAW-TA1307A Datasheet
361Kb / 8P
   SAW Filter 1642.5 MHz
logo
Murata Manufacturing Co...
SF2236G MURATA-SF2236G Datasheet
405Kb / 5P
   1642.5 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com