Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP82852 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXP82852
Description  CMOS 8-bit Single Chip Microcomputer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP82852 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXP82852 Datasheet HTML 6Page - Sony Corporation CXP82852 Datasheet HTML 7Page - Sony Corporation CXP82852 Datasheet HTML 8Page - Sony Corporation CXP82852 Datasheet HTML 9Page - Sony Corporation CXP82852 Datasheet HTML 10Page - Sony Corporation CXP82852 Datasheet HTML 11Page - Sony Corporation CXP82852 Datasheet HTML 12Page - Sony Corporation CXP82852 Datasheet HTML 13Page - Sony Corporation CXP82852 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
– 10 –
CXP82832/82840/82852/82860
1 V
IN
, VOUT, VOD and AVREF must not exceed VDD + 0.3V.
2 V
FDP
and VOD must not exceed VDD – 40V.
3 Specifies output current of general-purpose I/O ports.
4 The large current drive transistor is the N-CH transistor of Port C (PC).
Note) Usage exceeding absolute maximum ratings may permanently impair the LSI. Normal operation should be
conducted under the recommended operating conditions. Exceeding these conditions may adversely affect
the reliability of the LSI.
Supply voltage
A/D converter GND voltage
A/D converter reference
voltage
FDP display supply voltage
Input voltage
Output voltage
Display output voltage
High level output current
High level total output
current
Low level output current
Low level total output current
Operating temperature
Storage temperature
Allowable power dissipation
VDD
AVSS
AVREF
VFDP
VIN
VOUT
VOD
IOH
IODH1
IODH2
∑IOH
∑IODH
IOL
IOLC
∑IOL
Topr
Tstg
PD
–0.3 to +7.0
–0.3 to +0.3
–0.3 to +7.0∗1
–40∗2 to +7.0∗1
–0.3 to +7.0∗1
–0.3 to +7.0∗1
–40∗2 to +7.0∗1
–5
–15
–50
–30
–120
15
20
100
–20 to +75
–55 to +150
600
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
°C
°C
mW
All pins excluding outputs∗3 (value per pin)
Display outputs A20 to A55 (value per pin)
Display outputs G0/A0 to G15/A15, and
A16 to A19 (value per pin)
Total for all pins excluding display outputs
Total for all display outputs
Port (value per pin)
Large current port (value per pin)∗4
Total for all output pins
Item
Symbol
Rating
Unit
Remarks
Absolute Maximum Ratings
(Vss = 0V reference)


Similar Part No. - CXP82852

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82800 SONY-CXP82800 Datasheet
284Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP828P60 SONY-CXP828P60 Datasheet
302Kb / 22P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP82852

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com