Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP82840 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP82840
Description  CMOS 8-bit Single Chip Microcomputer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP82840 Datasheet(HTML) 1 Page - Sony Corporation

  CXP82840 Datasheet HTML 1Page - Sony Corporation CXP82840 Datasheet HTML 2Page - Sony Corporation CXP82840 Datasheet HTML 3Page - Sony Corporation CXP82840 Datasheet HTML 4Page - Sony Corporation CXP82840 Datasheet HTML 5Page - Sony Corporation CXP82840 Datasheet HTML 6Page - Sony Corporation CXP82840 Datasheet HTML 7Page - Sony Corporation CXP82840 Datasheet HTML 8Page - Sony Corporation CXP82840 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Description
The CXP82832/82840/82852/82860 is a CMOS 8-
bit single chip microcomputer integrating on a single
chip an A/D converter, serial interface, timer/counter,
time base timer, capture timer/counter, fluorescent
display
panel
controller/driver,
remote
control
reception circuit, and PWM output besides the basic
configurations of 8-bit CPU, ROM, RAM, and I/O port.
The CXP82832/82840/82852/82860 also provides
sleep/stop
function
that
enables
lower
power
consumption.
Features
• Wide-range instruction system (213 instructions) to cover various types of data
— 16-bit arithmetic/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle
400ns at 10MHz operation
(122µs at 32kHz operation)
• Incorporated ROM capacity
32K bytes (CXP82832)
40K bytes (CXP82840)
52K bytes (CXP82852)
60K bytes (CXP82860)
• Incorporated RAM capacity
1536 bytes (including fluorescent display area)
• Peripheral functions
— A/D converter
8 bits, 8 channels, successive approximation method
(Conversion time of 32µs/10MHz)
— Serial interface
8-bit, 8-stage FIFO incorporated
(Auto transfer for 1 to 8 bytes), 1 channel
8-bit clock synchronized type, 1 channel
— Timers
8-bit timer, 8-bit timer/counter, 19-bit time base timer
16-bit capture timer/counter, 32kHz timer/counter
— Fluorescent display panel controller/driver
Supports the universal grid fluorescent display panel.
High voltage drive output port of 56 pins (40V)
Maximum of 640 segments display possible
Display timing number of 1 to 20
Dimmer function
Incorporated pull-down resistor (Mask option)
Hardware key scan function (Maximum of 16
× 8 key matrix
supportable)
— Remote control reception circuit
8-bit pulse measurement counter, 6-stage FIFO
— PWM output
14 bits, 1 channel
• Interruption
16 factors, 15 vectors, multi-interruption possible
• Standby mode
SLEEP/STOP
• Package
100-pin plastic QFP
• Piggyback/evaluation chip
CXP82800 100-pin ceramic QFP
Structure
Silicon gate CMOS IC
– 1 –
CXP82832/82840/82852/82860
E94Y08B74
CMOS 8-bit Single Chip Microcomputer
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
100 pin QFP (Plastic)


Similar Part No. - CXP82840

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82800 SONY-CXP82800 Datasheet
284Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP828P60 SONY-CXP828P60 Datasheet
302Kb / 22P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP82840

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com