Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2206E Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2206E
Description  2655 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2206E Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2206E Datasheet HTML 1Page - RF Monolithics, Inc SF2206E Datasheet HTML 2Page - RF Monolithics, Inc SF2206E Datasheet HTML 3Page - RF Monolithics, Inc SF2206E Datasheet HTML 4Page - RF Monolithics, Inc SF2206E Datasheet HTML 5Page - RF Monolithics, Inc SF2206E Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 6
©2009-2011 by RF Monolithics, Inc.
SF2206E - 3/10/11
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
2655
MHz
Insertion Loss, 2620.0 to 2690.0 MHz
IL
2.0
3.0
dB
Amplitude Ripple, 2620.0 to 2690.0 MHz
0.9
2.0
Input/Output Return Loss, 2620.0 to 2690.0 MHz
8
13
dB
Attenuation, 0 dB Reference:
dB
2322.0 to 2402.0 MHz
33
36
2480.0 to to 2500.0 MHz
35
37
2500.0 to 2550.0 MHz
10
20
3000.0 to 3600.0 MHz
30
36
Source Impedance
ZS
50
Load Impedance
ZL
50
Case Style
SM3030-6 3.0 x 3.0 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator
938, YWWS
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Connection
Terminals
Input
5
Output
2
Case Ground
All others
SM3030-6
• No Matching Network Required for 50
Ω Operation
• Surface-mount 3.0 x 3.0 mm Package
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage on any Non-ground Terminal
0V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Solder Reflow Temperature, 10 seconds, 5 cycles maximum
260
°C
2655 MHz
SAW Filter
SF2206E
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port
2, so that the filter must always be installed in one direction per the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc., are registered trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Preliminary
5 0 o h m
S o u r c e
5 0 o h m
L o a d
1
2
3
4
5
6
( b o t t o m v i e w )


Similar Part No. - SF2206E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2206E MURATA-SF2206E Datasheet
1,001Kb / 6P
   2655 MHz SAW Filter
More results

Similar Description - SF2206E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2253E RFM-SF2253E Datasheet
808Kb / 6P
   2655 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2206E MURATA-SF2206E Datasheet
1,001Kb / 6P
   2655 MHz SAW Filter
logo
RF Monolithics, Inc
SF2258E RFM-SF2258E Datasheet
995Kb / 6P
   2655 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1232B TAI-SAW-TA1232B Datasheet
437Kb / 7P
   SAW Filter 2655 MHz
TA1232A TAI-SAW-TA1232A Datasheet
302Kb / 7P
   SAW Filter 2655 MHz
TA1847B TAI-SAW-TA1847B Datasheet
545Kb / 9P
   SAW Filter 2655 MHz
logo
Murata Manufacturing Co...
SF2253E MURATA-SF2253E Datasheet
421Kb / 6P
   2655 MHz SAW Filter
SF2258E MURATA-SF2258E Datasheet
995Kb / 6P
   2655 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2130DA TAI-SAW-TA2130DA Datasheet
634Kb / 8P
   Band7 Rx Balanced SAW Filter 2655 MHz SMD1.1X0.9 mm
TA1847CC TAI-SAW-TA1847CC Datasheet
471Kb / 8P
   SAW Filter 2655 MHz B7 Rx SMD 1.1x0.9 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com