Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7427144 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7427144
Description  Snap Ferrite Ring with plastic case
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427144 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427144 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427144 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427144 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427144 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8.1
8.0
7.0
REV
2012-06-27
2012-05-02
2007-01-08
DATE
SSt
SSt
KSC
BY
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
Snap Ferrite Ring with plastic case
Order.- No.
7427144
SIZE
A4
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the component surface has to be avoided.
The packaging of the product is to encase the needed humidity of the plastic housing. To ensure the humidity level, the products have to be
stored in this delivered packaging. If not, the products are losing their humidity. In this case you can re-condition the components according to
the internal standard WE1883 to ensure the necessary humidity in the plastic.
To ensure the operating mode of the product, the ambient temperature at processing (when the part will be mounted on the cable) has to be in
the range of 15 to 25 °C.
Before mounting, the part should be stored for one hour in this condition.
The responsibility for the applicability of customer specific products and the use in a particular customer design is always within the authority
of the customer. All technical specifications for standard products do also apply for customer specific products.
Direct mechanical impact to the product and the forcible closing of this shall be prevented as the ferrite material of the ferrite body or the pla-
stic housing could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
•The cable diameter must be pointed out, otherwise no warranty will be sustained.
•Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of Snap Ferrite Rings
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7427144

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427144S WURTH-7427144S Datasheet
478Kb / 4P
   Snap Ferrite Ring with plastic case
More results

Similar Description - 7427144

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427140 WURTH-7427140 Datasheet
461Kb / 4P
   Snap Ferrite Ring with plastic case
7427140S WURTH-7427140S Datasheet
461Kb / 4P
   Snap Ferrite Ring with plastic case
7427143S WURTH-7427143S Datasheet
462Kb / 4P
   Snap Ferrite Ring with plastic case
7427141 WURTH-7427141 Datasheet
478Kb / 4P
   Snap Ferrite Ring with plastic case
7427141S WURTH-7427141S Datasheet
478Kb / 4P
   Snap Ferrite Ring with plastic case
7427144S WURTH-7427144S Datasheet
478Kb / 4P
   Snap Ferrite Ring with plastic case
7427143 WURTH-7427143 Datasheet
462Kb / 4P
   Snap Ferrite Ring with plastic case
7427111S WURTH-7427111S Datasheet
469Kb / 4P
   Snap Ferrite Sleeve with plastic case
7427122S WURTH-7427122S Datasheet
448Kb / 4P
   Snap Ferrite Sleeve with plastic case
7427113 WURTH-7427113 Datasheet
473Kb / 4P
   Snap Ferrite Sleeve with plastic case
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com