Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2159E Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF2159E
Description  974 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2159E Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF2159E Datasheet HTML 1Page - RF Monolithics, Inc SF2159E Datasheet HTML 2Page - RF Monolithics, Inc SF2159E Datasheet HTML 3Page - RF Monolithics, Inc SF2159E Datasheet HTML 4Page - RF Monolithics, Inc SF2159E Datasheet HTML 5Page - RF Monolithics, Inc SF2159E Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 6
©2009-2010 by RF Monolithics, Inc.
SF2159E - 7/19/10
A
1
2
3
B
7
6
5
4
C
H
4
E
F
G
8
D
8
7
6
5
1
2
3
I
I
J
J
J
K
K
L
M
N
N
O
O
8-Terminal Ceramic Surface-Mount Case
3.0 X 3.0 mm Nominal Footprint
TOP VIEW
BOTTOM VIEW
PCB Footprint Top View
Case Materials
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.0
3.13
0.113
0.118
0.123
B
2.87
3.0
3.13
0.113
0.118
0.123
C
1.14
1.27
1.40
0.045
0.050
0.055
D
0.79
0.92
1.05
0.031
0.036
0.041
E
0.62
0.75
0.88
0.024
0.029
0.034
F
0.47
0.60
0.73
0.018
0.024
0.029
G
0.47
0.60
0.73
0.018
0.024
0.029
H
1.07
1.20
1.33
0.042
0.047
0.052
I
3.19
0.126
J
0.81
0.032
K
0.96
0.038
L
0.81
0.032
M
1.39
0.055
N
0.23
0.009
O
0.38
0.015
Case and PCB Footprint Dimensions


Similar Part No. - SF2159E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2150E RFM-SF2150E Datasheet
369Kb / 6P
   RF Filter, 915 MHz, 10 MHz BW
logo
Murata Manufacturing Co...
SF2150E MURATA-SF2150E Datasheet
228Kb / 5P
   915 MHz Low-loss SAW Filter
logo
RF Monolithics, Inc
SF2151B RFM-SF2151B Datasheet
231Kb / 5P
   211.2 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2151B MURATA-SF2151B Datasheet
231Kb / 5P
   211.2 MHz SAW Filter
logo
RF Monolithics, Inc
SF2155B RFM-SF2155B Datasheet
810Kb / 6P
   153.6 MHz SAW Filter
More results

Similar Description - SF2159E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0729B TAI-SAW-TA0729B Datasheet
447Kb / 8P
   SAW Filter 974 MHz
TA0729A TAI-SAW-TA0729A Datasheet
257Kb / 8P
   SAW Filter 974 MHz SMD 3.0X3.0 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com