Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-IFP019V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFP019V1
Description  Quad high-side smart-power solid-state relay demonstration board based on the VNI4140K-32
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP019V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP019V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP019V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP019V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP019V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IFP019V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2011
Doc ID 022565 Rev 1
1/5
5
STEVAL-IFP019V1
Quad high-side smart-power solid-state relay demonstration board
based on the VNI4140K-32
Features
Output current: 1 A per channel
Shorted load protections
Junction overtemperature protection
Case overtemperature protection for thermal
independence of the channels
Thermal case shutdown non-simultaneous
restart for the various channels
Protection against loss of ground
Current limitation
Undervoltage shutdown
Open drain diagnostic outputs
3.3 V CMOS/TTL compatible inputs
Fast demagnetization of inductive loads
Conforms to IEC 61131-2
RoHS compliant
Description
The STEVAL-IFP019V1 demonstration board
shows the features of the VNI4140K-32 quad
high-side smart-power solid-state relay.
The application offers robustness and complies
with EMC industrial standards. It implements
short-circuit/overload protection and also thermal
management, achieving best-in-class MTBF
values. The reference design is suitable for use in
programmable logic controllers (PLCs) as well as
to drive generic loads which require up to 1 A of
nominal current (the typical current limitation is
1.1 - 2.6 A). Thanks to the very low RDS(on) (only
80 m
Ω typical @ 25 °C per channel) the device
allows very low power consumption during
operation and for this reason it offers an ideal
solution for IP65 / IP67 requirements. The
VNI4140K-32 is compliant with IEC 61131-2
(international standard for programmable
controllers).
www.st.com


Similar Part No. - STEVAL-IFP019V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP010V1 STMICROELECTRONICS-STEVAL-IFP010V1 Datasheet
163Kb / 6P
   Current limitation
STEVAL-IFP010V3 STMICROELECTRONICS-STEVAL-IFP010V3 Datasheet
168Kb / 4P
   Junction overtemperature protection
STEVAL-IFP015V2 STMICROELECTRONICS-STEVAL-IFP015V2 Datasheet
165Kb / 4P
   RoHS compliant
STEVAL-IFP016V2 STMICROELECTRONICS-STEVAL-IFP016V2 Datasheet
415Kb / 4P
   Additional IEC61131-2 type-1 input
STEVAL-IFP017V3 STMICROELECTRONICS-STEVAL-IFP017V3 Datasheet
316Kb / 4P
   Evaluation board for IO-Link transceiver device L6362A
More results

Similar Description - STEVAL-IFP019V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNI4140K STMICROELECTRONICS-VNI4140K Datasheet
527Kb / 23P
   Quad high side smart power solid state relay
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E_08 Datasheet
236Kb / 16P
   Quad high side smart power solid state relay
VNI4140K-32 STMICROELECTRONICS-VNI4140K-32 Datasheet
525Kb / 26P
   Quad high side smart power solid state relay
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E_07 Datasheet
204Kb / 15P
   Quad high side smart Power solid state relay
VN330SP STMICROELECTRONICS-VN330SP Datasheet
69Kb / 9P
   QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
VN330SP-E STMICROELECTRONICS-VN330SP-E Datasheet
204Kb / 15P
   Quad high side smart Power solid state relay
VNI4140K STMICROELECTRONICS-VNI4140K_12 Datasheet
519Kb / 25P
   Quad high-side smart power solid-state relay
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E Datasheet
158Kb / 14P
   QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
VN340SP-E STMICROELECTRONICS-VN340SP-E Datasheet
211Kb / 16P
   Quad high side smart Power solid state relay
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E Datasheet
210Kb / 16P
   Quad high side smart Power solid state relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com