Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N65K Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 4N65K
Description  4A, 650V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N65K Datasheet(HTML) 6 Page - Unisonic Technologies

  4N65K Datasheet HTML 1Page - Unisonic Technologies 4N65K Datasheet HTML 2Page - Unisonic Technologies 4N65K Datasheet HTML 3Page - Unisonic Technologies 4N65K Datasheet HTML 4Page - Unisonic Technologies 4N65K Datasheet HTML 5Page - Unisonic Technologies 4N65K Datasheet HTML 6Page - Unisonic Technologies 4N65K Datasheet HTML 7Page - Unisonic Technologies 4N65K Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4N65K
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-840.A
TYPICAL CHARACTERISTICS
-100
Junction Temperature, TJ (°С)
-50
50
200
100
150
1.2
0
1.1
1.0
0.9
0.8
Note:
1. VGS=0V
2. ID=250µA
Breakdown Voltage Variation vs.
Temperature
-100
Junction Temperature, TJ (°С)
-50
50
200
100
150
3.0
0
2.0
1.0
0.5
0.0
1.5
2.5
On-Resistance Junction Temperature
Note:
1. VGS=10V
2. ID=4A
10
1
10
0.1
1
Drain-to-Source Voltage, VDS (V)
On-State Characteristics
0.1
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
46
8
10
150°С
Notes:
1. VDS=50V
2. 250µs Pulse Test
10
1
0.1
25°С
5.0V
Notes:
1. 250µs Pulse Test
2. TC=25°С
VGS
Top:
10V
9V
8V
7V
6V
5.5V
5 V Bottorm:5.0V


Similar Part No. - 4N65K

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
4N65K SUNMATE-4N65K Datasheet
2Mb / 9P
   N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N65K-MK UTC-4N65K-MK Datasheet
201Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
4N65K-MT UTC-4N65K-MT Datasheet
248Kb / 7P
   N-CHANNEL POWER MOSFET
4N65K-TA UTC-4N65K-TA Datasheet
246Kb / 7P
   N-CHANNEL POWER MOSFET
4N65KG-T2Q-T UTC-4N65KG-T2Q-T Datasheet
248Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 4N65K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65Z UTC-4N65Z Datasheet
339Kb / 8P
   4A, 650V N-CHANNEL POWER MOSFET
logo
AiT Semiconductor Inc.
AM04N65 AITSEMI-AM04N65 Datasheet
827Kb / 10P
   MOSFET 650V, 4A N-CHANNEL
REV1.0 - JUN 2022
logo
Jiangsu Donghai Semicon...
D4NE65 WXDH-D4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
E4NE65 WXDH-E4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
BSJ4N65 WXDH-BSJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
SJ4N65 WXDH-SJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
B4NE65 WXDH-B4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
ESJ4N65 WXDH-ESJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
logo
Taiwan Semiconductor Co...
TSM4ND65CI TSC-TSM4ND65CI Datasheet
321Kb / 6P
   N-Channel Power MOSFET 650V, 4A, 2.6廓
logo
Jiangsu Donghai Semicon...
4NE65 WXDH-4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com