Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N60KL-TF3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 3N60KL-TF3-T
Description  3A, 600V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60KL-TF3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  3N60KL-TF3-T Datasheet HTML 1Page - Unisonic Technologies 3N60KL-TF3-T Datasheet HTML 2Page - Unisonic Technologies 3N60KL-TF3-T Datasheet HTML 3Page - Unisonic Technologies 3N60KL-TF3-T Datasheet HTML 4Page - Unisonic Technologies 3N60KL-TF3-T Datasheet HTML 5Page - Unisonic Technologies 3N60KL-TF3-T Datasheet HTML 6Page - Unisonic Technologies 3N60KL-TF3-T Datasheet HTML 7Page - Unisonic Technologies 3N60KL-TF3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3N60K
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-838.A
TYPICAL CHARACTERISTICS
0
0
Drain Current, ID (A)
24
1
2
4
5
6
On-Resistance Variation vs.
Drain Current and Gate Voltage
3
6
8
10
12
1
0.1
0.2
Source-Drain Voltage, VSD (V)
On State Current vs.
Allowable Case Temperature
1.8
0.4 0.6 0.8 1.0 1.2
1.6
1.4
10
Note: TJ=25℃
Notes:
1. VGS=0V
2. 250µs Test
VGS=20V
VGS=10V


Similar Part No. - 3N60KL-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60KL-TF3-T UTC-3N60KL-TF3-T Datasheet
255Kb / 7P
   N-CHANNEL DEPLETION-MODE POWER MOSFET
3N60KL-TF3-T UTC-3N60KL-TF3-T Datasheet
251Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 3N60KL-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60 UTC-3N60 Datasheet
388Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
3N60A UTC-3N60A Datasheet
382Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
3N60Z UTC-3N60Z Datasheet
368Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
3N60 UTC-3N60_11 Datasheet
388Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD3C60 AOSMD-AOD3C60 Datasheet
261Kb / 6P
   600V,3A N-Channel MOSFET
logo
STMicroelectronics
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD Datasheet
322Kb / 8P
   N-CHANNEL 3A - 600V DPAK Power MESH IGBT
STGD3NB60S STMICROELECTRONICS-STGD3NB60S Datasheet
83Kb / 8P
   N-CHANNEL 3A - 600V DPAK Power MESH IGBT
STGB3NB60SD STMICROELECTRONICS-STGB3NB60SD Datasheet
336Kb / 8P
   N-CHANNEL 3A - 600V D2PAK Power MESH??IGBT
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com