Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1208H Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF1208H
Description  2017.5 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1208H Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF1208H Datasheet HTML 1Page - RF Monolithics, Inc SF1208H Datasheet HTML 2Page - RF Monolithics, Inc SF1208H Datasheet HTML 3Page - RF Monolithics, Inc SF1208H Datasheet HTML 4Page - RF Monolithics, Inc SF1208H Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 5
©2010 by RF Monolithics, Inc.
SF1208H 4/19/10
Input Impdeance Plots
Output Impedance Plots


Similar Part No. - SF1208H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF1200 VISHAY-SF1200 Datasheet
37Kb / 3P
   Super Fast Rectifiers
Rev. 2, 24-Jun-98
SF1200 VISHAY-SF1200 Datasheet
115Kb / 5P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.6, 14-Apr-05
SF1200 VISHAY-SF1200 Datasheet
344Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Aug-10
SF1200 VISHAY-SF1200 Datasheet
119Kb / 4P
   Ultrafast Avalanche Sinterglass Diode
Rev. 1.8, 11-Sep-12
SF1200 VISHAY-SF1200 Datasheet
137Kb / 4P
   Ultrafast Avalanche Sinterglass Diode
01-Jan-2022
More results

Similar Description - SF1208H

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1238A TAI-SAW-TA1238A Datasheet
358Kb / 8P
   SAW Filter 2017.5 MHz
logo
RF Monolithics, Inc
SF2213K RFM-SF2213K Datasheet
467Kb / 6P
   2017.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0946A TAI-SAW-TA0946A Datasheet
341Kb / 5P
   SAW Filter 2017.5 MHz
logo
EPCOS
B7853 EPCOS-B7853 Datasheet
141Kb / 8P
   SAW filter 2017.5 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1039A TAI-SAW-TA1039A Datasheet
429Kb / 8P
   SAW Filter 2017.5 MHz
logo
RF Monolithics, Inc
SF2209H RFM-SF2209H Datasheet
481Kb / 5P
   2017.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2202E-1 MURATA-SF2202E-1 Datasheet
132Kb / 5P
   2017.5 MHz SAW Filter
SF2202E MURATA-SF2202E Datasheet
815Kb / 5P
   2017.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF2202E RFM-SF2202E Datasheet
815Kb / 5P
   2017.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2209H MURATA-SF2209H Datasheet
481Kb / 5P
   2017.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com