Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1186H-2 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF1186H-2
Description  1575.42 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1186H-2 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF1186H-2 Datasheet HTML 1Page - RF Monolithics, Inc SF1186H-2 Datasheet HTML 2Page - RF Monolithics, Inc SF1186H-2 Datasheet HTML 3Page - RF Monolithics, Inc SF1186H-2 Datasheet HTML 4Page - RF Monolithics, Inc SF1186H-2 Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 5
©2009 by RF Monolithics, Inc.
SF1186H-2 - 4/6/09
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
1575.42
MHz
Maximum Insertion Loss
1574.42 to 1576.42 MHz
ILMAX
1.15
1.6
dB
Amplitude Ripple
1574.42 to 1576.42 MHz
0.1
0.5
VSWR
1574.42 to 1576.42 MHz
1.2
1.9
Attenuation
100 to 960 MHz
31
33
dB
960 to 1460 MHz
31
33
1460 to 1513 MHz
22
26
1648 to 1710 MHz
22
28
1710 to 1990 MHz
25
32
1990 to 2300 MHz
25
30
2300 to 4000 MHz
29
31
4000 to 6000 MHz
20
24
Source impedance
ZS
50
Load impedance
ZL
50
Single-ended Input / Output Impedance Match
No matching network required for operation at 50 ohms
Case Style
SM2016-4
Lid Symbolization ( Y=year, W=week)
2Y, YW
SM2016-4
• RF Filter Designed for Front End GPS Applications
• Low Insertion Loss
• Improved Rejection
• 2.0 x 1.6 mm Surface-Mount Case
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Maximum DC Voltage Between any Two Terminals
3
VDC
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-55 to +95
°C
Maximum Soldering Profile
265°C for 10 s
1575.42 MHz
SAW Filter
SF1186H-2
1.
US and international patents may apply.
2.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered
trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:


Similar Part No. - SF1186H-2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1186H-2 MURATA-SF1186H-2 Datasheet
561Kb / 5P
   RF Filter Designed for Front End GPS Applications
More results

Similar Description - SF1186H-2

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
   SAW Filter 1575.42 MHz
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
   1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
   1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
   1575.42 MHz SAW Filter
856039 TRIQUINT-856039_15 Datasheet
350Kb / 5P
   1575.42 MHz SAW Filter
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
   1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
   SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
   1575.42 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com