Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP818P48A Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP818P48A
Description  CMOS 8-bit Single Chip Microcomputer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP818P48A Datasheet(HTML) 5 Page - Sony Corporation

  CXP818P48A Datasheet HTML 1Page - Sony Corporation CXP818P48A Datasheet HTML 2Page - Sony Corporation CXP818P48A Datasheet HTML 3Page - Sony Corporation CXP818P48A Datasheet HTML 4Page - Sony Corporation CXP818P48A Datasheet HTML 5Page - Sony Corporation CXP818P48A Datasheet HTML 6Page - Sony Corporation CXP818P48A Datasheet HTML 7Page - Sony Corporation CXP818P48A Datasheet HTML 8Page - Sony Corporation CXP818P48A Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
– 5 –
CXP818P48A
Output/
Real time
Output
Output/
Real time
Output
I/O/
Real time
Output
I/O/
Real time
Output
I/O
Input/input
Input/input/input
Output/output
Output/output
Output/output
Output/output
Output/output
Output/output
Input
Input/input
Output/input
I/O
Ouput
Input
Input
(Port A)
8-bit output port. Data is
gated with PPO contents by
OR-gate and they are output.
(8 pins)
(Port B)
8-bit output port. Data is
gated with PPO contents by
OR-gate and they are output.
(8 pins)
(Port C)
8-bit I/O port, enables to
specify I/O by bit unit.
Data is gated with PPO or
RTO contents by OR-gate
and they are output.
(8 pins)
(Port D)
8-bit I/O port. Enable to specify I/O by 4-bit unit.
Enables to drive 12mA sink current.
(8 pins)
(Port E)
8-bit port. Lower 2 bits are
input pins and upper 6 bits
are output pins.
(8 pins)
Analog input pins to A/D converter. (12 pins)
(Port F)
Lower 4 bits are input port and upper 4 bits are output port.
Lower 4 bits also serve as standby release input pin.
(8 pins)
Serial clock (CH0) I/O pin.
Serial data (CH0) output pin.
Serial data (CH0) input pin.
Serial chip select (CH0) input pin.
External event
input pin for
timer/counter.
Input pin to request
external interruption.
Active when falling edge.
Input pin to request external interruption.
Active when falling edge.
PWM output pins.
(2 pins)
DA gate pulse output pins.
(4 pins)
Programmable pattern generator (PPG)
output.
Functions as high precision real time
pulse output port.
(19 pins)
Real time pulse generator (RTG) output.
Functions as high precision real time
pulse output port. (5 pins)
Symbol
I/O
Description
PA0/PPO0
to
PA7/PPO7
PB0/PPO8
to
PB7/PPO15
PC0/PPO16
to
PC2/PPO18
PC3/RTO3
to
PC7/RTO7
PD0 to PD7
PE0/INT0
PE1/EC/INT2
PE2/PWM0
PE3/PWM1
PE4/DAA0
PE5/DAA1
PE6/DAB0
PE7/DAB1
AN0 to AN3
PF0/AN4
to
PF3/AN7
PF4/AN8
to
PF7/AN11
SCK0
SO0
SI0
CS0
Pin Description


Similar Part No. - CXP818P48A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP81800 SONY-CXP81800 Datasheet
542Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81840A SONY-CXP81840A Datasheet
544Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81848A SONY-CXP81848A Datasheet
544Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP818P48A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com