Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ23C51 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DZ23C51
Description  Zener Voltage Range 2.7 V to 51 V. Dual Silicon Zener Diodes, Common Cathode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DZ23C51 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DZ23C51 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DZ23C51 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Zener Voltage Range 2.7 V to 51 V
Dual Silicon Zener Diodes, Common Cathode
Small Package Size for High Density Applications
Standard Zener voltage tolerance is ± 5 %.
Pb / RoHS Free
Absolute Maximum Ratings ( Ta = 25 °C )
Total Power Dissipation (Note 1)
Thermal Resistance ( Junction to Ambient) (Note 1)
Junction Temperature
Storage Temperature Range
Note : (1) Device on fiberglass substrate.
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE (
°C)
150
°C
TSTG
°C
- 65 to + 150
TJ
RATING
SYMBOL
mW
°C/W
300
420
VALUE
UNIT
Ptot
RӨJA
3
bottom view
3
1
2
1.02
0.89
2.04
1.78
3.10
2.70
Dimensions in millimeters
12
0.19
0.08
0.50
0.35
0.100
0.013
1.40
0.95
SOT-23
100
200
300
400
Fig. 1 POWER TEMPERATURE DERATING CURVE
0
DZ23 Series
Zener Diodes
Features


Similar Part No. - DZ23C51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C51 VISHAY-DZ23C51 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C51 VISHAY-DZ23C51 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
logo
Diodes Incorporated
DZ23C51 DIODES-DZ23C51 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
logo
Micro Commercial Compon...
DZ23C51 MCC-DZ23C51 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
logo
Diodes Incorporated
DZ23C51 DIODES-DZ23C51 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
More results

Similar Description - DZ23C51

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
DZ23 GE-DZ23 Datasheet
404Kb / 9P
   Dual Common-Cathode Zener Diodes
logo
RFE international
DZ23C2V4 RFE-DZ23C2V4 Datasheet
2Mb / 5P
   Zener Diodes (Dual, Common Cathode)
19-JUN-2023
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_10 Datasheet
402Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON ZENER DIODES 2.4 VOLTS
logo
Suntan Capacitors
BZX84C SUNTAN-BZX84C Datasheet
136Kb / 3P
   Zener breakdown voltage range - 2.0 V to 75 V
logo
Micro Commercial Compon...
AZ23C2V7 MCC-AZ23C2V7 Datasheet
139Kb / 4P
   300 mW Zener Diode 2.7 to 51 Volts
logo
Shanghai Leiditech Elec...
MM5Z2V0 LEIDITECH-MM5Z2V0 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
logo
RFE international
AZ23C2V7 RFE-AZ23C2V7 Datasheet
1Mb / 4P
   Zener Diodes (Dual, Common Anode)
DEC-5-2023
logo
Central Semiconductor C...
CR16UD-02FP CENTRAL-CR16UD-02FP_15 Datasheet
368Kb / 3P
   DUAL, COMMON CATHODE V
logo
Rectron Semiconductor
CZMK4V7 RECTRON-CZMK4V7 Datasheet
33Kb / 1P
   SOT-23 DUAL ZENER DIODE (Common Cathode)
logo
Central Semiconductor C...
CMPZDA3V6 CENTRAL-CMPZDA3V6_15 Datasheet
395Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com