Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP81720A Datasheet(PDF) 8 Page - Sony Corporation

Part # CXP81720A
Description  CMOS 8-bit Single Chip Microcomputer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP81720A Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXP81720A Datasheet HTML 4Page - Sony Corporation CXP81720A Datasheet HTML 5Page - Sony Corporation CXP81720A Datasheet HTML 6Page - Sony Corporation CXP81720A Datasheet HTML 7Page - Sony Corporation CXP81720A Datasheet HTML 8Page - Sony Corporation CXP81720A Datasheet HTML 9Page - Sony Corporation CXP81720A Datasheet HTML 10Page - Sony Corporation CXP81720A Datasheet HTML 11Page - Sony Corporation CXP81720A Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
– 8 –
CXP81720A/81724A
RD (Port F)
Data bus
IP
Input multiplexer
A/D converter
2 pins
Hi-Z
Hi-Z
Pin
When reset
Circuit format
PE0/INT0
PE1/EC/INT2
PE2/PWM0
PE3/PWM1
PE4/DAA0
PE5/DAA1
4 pins
2 pins
4 pins
Hi-Z
Hi-Z
H level
PE6/DAB0
PE7/DAB1
Data bus
RD (Port E)
DA gate output
Hi-Z control
MPX
Port E data
Port/DA output
select
Data bus
RD (Port E)
DA gate output
or PWM output
Hi-Z control
MPX
Port E data
Port/DA output
select
IP
RD (Port E)
Data bus
Schmitt input
Port E
AN0
to
AN3
IP
A/D converter
Input multiplexer
4 pins
PF0/AN4
to
PF3/AN7
Port F
Port E
Port E


Similar Part No. - CXP81720A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP81720B SONY-CXP81720B Datasheet
351Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP81720A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com