Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP740096 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXP740096
Description  CMOS 8-bit Single Chip Microcomputer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP740096 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXP740096 Datasheet HTML 5Page - Sony Corporation CXP740096 Datasheet HTML 6Page - Sony Corporation CXP740096 Datasheet HTML 7Page - Sony Corporation CXP740096 Datasheet HTML 8Page - Sony Corporation CXP740096 Datasheet HTML 9Page - Sony Corporation CXP740096 Datasheet HTML 10Page - Sony Corporation CXP740096 Datasheet HTML 11Page - Sony Corporation CXP740096 Datasheet HTML 12Page - Sony Corporation CXP740096 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
– 9 –
CXP740056/740096/740010
3 pins
Hi-Z
Hi-Z
After a reset
PB5/SCK2
PI5/SCK1
PK3/SCK0
PB6/SO2
PG0/TxD
PI6/SO1
PK4/SO0
4 pins
Internal
data bus
RD (Ports B, I, K)
IP
Ports B, I, K direction
“0” after a reset
Pull-up transistors
approx. 100k
Ω (VDD = 4.5 to 5.5V)
approx. 150k
Ω (VDD = 2.7 to 3.3V)
Ports B, I, K data
“0” after a reset
Ports B, I, K function
select
SCK2, SCK1, SCK0
Output enable
Output buffer
capability
“0” after a reset
Pull-up resistor
“0” after a reset
Schmitt input
SCK2, SCK1, SCK0
Pin
Circuit format
Internal
data bus
RD (Ports B, G, I, K)
IP
Ports B, G, I, K
direction
“0” after a reset
Pull-up transistors
approx. 100k
Ω (VDD = 4.5 to 5.5V)
approx. 150k
Ω (VDD = 2.7 to 3.3V)
Ports B, G, I, K data
“0” after a reset
Ports B, G, I, K
function select
TO2, SO2, TxD, SO1, SO0
Output enable
Output buffer
capability
“0” after a reset
Pull-up resistor
“0” after a reset
Port B
Port I
Port K
Port B
Port G
Port I
Port K


Similar Part No. - CXP740096

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP740000 SONY-CXP740000 Datasheet
275Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP7400P10 SONY-CXP7400P10 Datasheet
418Kb / 31P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP740096

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com