Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP740096 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXP740096
Description  CMOS 8-bit Single Chip Microcomputer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP740096 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXP740096 Datasheet HTML 2Page - Sony Corporation CXP740096 Datasheet HTML 3Page - Sony Corporation CXP740096 Datasheet HTML 4Page - Sony Corporation CXP740096 Datasheet HTML 5Page - Sony Corporation CXP740096 Datasheet HTML 6Page - Sony Corporation CXP740096 Datasheet HTML 7Page - Sony Corporation CXP740096 Datasheet HTML 8Page - Sony Corporation CXP740096 Datasheet HTML 9Page - Sony Corporation CXP740096 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
– 6 –
CXP740056/740096/740010
(Port H)
8-bit I/O port. Operated as N-ch open drain output for medium voltage drive
(12V) and large current (12mA).
(8 pins)
(Port I)
7-bit I/O port. I/O can be set
in a unit of single bits.
Incorporation of pull-up
resistor can be set through
the program in a unit of
single bits.
(7 pins)
(Port J)
8-bit I/O port. I/O can be set in a unit of single bits.
Standby release input can be set in a unit of single bits.
Incorporation of pull-up resistor can be set through the program in a unit of
single bits.
(8 pins)
(Port K)
7-bit port. lower 2 bits are for
input; upper 5 bits are for I/O.
I/O can be set in a unit of
single bits.
For PK3 to PK7, incorporation
of pull-up resistor can be set
through the program in a unit
of single bits.
(7 pins)
UART transmission data output.
UART reception data input.
External event input for 8-bit timer/counter 0.
External event input for 8-bit timer/counter 2.
External event input for 16-bit timer/counter.
External capture input to 16-bit timer/counter.
Remote control receiver circuit input.
Non-maskable interrupt input.
Output for the 8-bit timer/counter 1
rectanguler waves and 32-kHz oscillation
frequency demultiplication.
Serial clock I/O (CH1).
Serial data output (CH1).
Serial data input (CH1).
Crystal connectors for 32-kHz timer/counter
clock oscillation circuit.
For usage as event count, connect clock
oscillation source to TEX, and leave TX
open.
Serial clock I/O (CH0).
Serial data output (CH0).
Serial data input (CH0).
Chip select input for serial inteface (CH0).
8-bit timer/counter 3 rectangular wave output.
Symbol
PG0/TxD
PG1/RxD
PG2/EC0
PG3/EC1
PG4/EC2
PG5/INT3
PG6/INT4
PG7/CINT
PH0 to PH7
PI1/RMC
PI2/NMI
PI3/TO0/
ADJ
PI4/INT1/
CS1
PI5/SCK1
PI6/SO1
PI7/SI1
PJ0 to PJ7
PK3/SCK0
PK4/SO0
PK5/SI0
PK6/CS0
PK7/TO1
I/O/Output
I/O/Input
I/O/Input
I/O/Input
I/O/Input
I/O/Input
I/O/Input
I/O/Input
Output
I/O/Input
I/O/Input
I/O/Output/
Output
I/O/Input/
Input
I/O/I/O
I/O/Output
I/O/Input
I/O
I/O/I/O
I/O/Output
I/O/Input
I/O/Input
I/O/Output
I/O
Description
Chip select input for serial
interface (CH1).
External
interrupt input.
(Port G)
8-bit I/O port. I/O can be set
in a unit of single bits.
Incorporation of pull-up
resistor can be set through
the program in a unit of
single bits.
(8 pins)
PK1/TX
PK2/TEX
Input
Input/Input
External interrupt inputs.
(2 pins)


Similar Part No. - CXP740096

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP740000 SONY-CXP740000 Datasheet
275Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP7400P10 SONY-CXP7400P10 Datasheet
418Kb / 31P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP740096

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com