Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP508L4 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXP508L4
Description  CMOS 4-bit Single Chip Microcomputer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP508L4 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXP508L4 Datasheet HTML 3Page - Sony Corporation CXP508L4 Datasheet HTML 4Page - Sony Corporation CXP508L4 Datasheet HTML 5Page - Sony Corporation CXP508L4 Datasheet HTML 6Page - Sony Corporation CXP508L4 Datasheet HTML 7Page - Sony Corporation CXP508L4 Datasheet HTML 8Page - Sony Corporation CXP508L4 Datasheet HTML 9Page - Sony Corporation CXP508L4 Datasheet HTML 10Page - Sony Corporation CXP508L4 Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
– 10 –
CXP508L4/508L6
Notes on Operation
See Fig. 8., Additive capacity calculation chart, when using the crystal oscillator and select the appropriate
capacity.
Fig. 8. Crystal oscillation circuit additive capacity calculation chart (Ta = –20 to +75°C, VDD = 2.4 to 3.5V)
EXTAL
XTAL
C1
C1 = C2 = C
C2
0.1
1
5
100
f-Crystal oscillation frequency [MHz]
50
100
150
200
Note) The above chart shows a range in which the average quartz resonator has a relatively fast oscillation
rising edge and stable characteristics. The capacity should be selected to correspond to the appropriate
constant for each quartz resonator, should the frequency of the quartz resonator be accurately
adjusted.
Fig. 9. Shows recommended circuit and oscillators. Use the trimmer capacitor to C1, in the case of accurate
adjustment of the oscillation frequency.
Fig. 9. Recommended oscillation circuit
EXTAL
XTAL
C1
C2
Rd
Manufacturer
MURATA MFG
CO., LTD.
Model
CSA2.00MG040
CST2.00MG040
Frequency
2.00MHz
2.00MHz
100pF
(built in)
100pF
(built in)
C1
C2
Rd


Similar Part No. - CXP508L4

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP5080 SONY-CXP5080 Datasheet
148Kb / 6P
   CMOS 4-bit Single Chip Microcomputer
CXP5084 SONY-CXP5084 Datasheet
157Kb / 11P
   CMOS 4-bit Single Chip Microcomputer
CXP5086 SONY-CXP5086 Datasheet
157Kb / 11P
   CMOS 4-bit Single Chip Microcomputer
More results

Similar Description - CXP508L4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com