Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXP508L4 Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXP508L4
Description  CMOS 4-bit Single Chip Microcomputer
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP508L4 Datasheet(HTML) 4 Page - Sony Corporation

  CXP508L4 Datasheet HTML 1Page - Sony Corporation CXP508L4 Datasheet HTML 2Page - Sony Corporation CXP508L4 Datasheet HTML 3Page - Sony Corporation CXP508L4 Datasheet HTML 4Page - Sony Corporation CXP508L4 Datasheet HTML 5Page - Sony Corporation CXP508L4 Datasheet HTML 6Page - Sony Corporation CXP508L4 Datasheet HTML 7Page - Sony Corporation CXP508L4 Datasheet HTML 8Page - Sony Corporation CXP508L4 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
– 4 –
CXP508L4/508L6
Absolute Maximum Ratings
Item
Power supply voltage
LCD bias voltage
Input voltage
Output voltage
High level output current
High level total output current
Low level output current
Low level total output current
Operating temperature
Storage temperature
Allowable power dissipation
VDD
VLC1, VLC2, VLC3
VIN
VOUT
IOH
∑IOH
IOL
∑IOL
Topr
Tstg
PD
–0.3 to +5.0
–0.3 to +5.0∗1
–0.3 to +5.0∗1
–0.3 to +5.0∗1
–5
–50
15
50
–20 to +75
–55 to +150
1000
600
V
V
V
V
mA
mA
mA
mA
°C
°C
mW
mW
General purpose port∗2: per pin
Entire pin total
General purpose port∗2: per pin
Entire pin total
SDIP
QFP
Symbol
Ratings
Unit
Remarks
1 V
LC1
, VLC2, VLC3, VIN and VOUT should not exceed VDD + 0.3V.
2 The PE and PF are specified when PA to PD, PX0 to PX2, PY0, PY1 and mask option are port selected.
Note) Usage exceeding absolute maximum ratings may permanently impair the LSI. Normal operation should
better take place under the recommended operating conditions. Exceeding those conditions may
adversely affect the reliability of the LSI.
Recommended Operating Conditions
Item
Power supply voltage
VDD
VLC1,
VLC2,
VLC3
VIH
VIHS
VIHEX
VIL
VILS
VILEX
Topr
LCD bias voltage
High level input voltage
Low level input voltage
Operating temperature
Symbol
Min.
2.4
2.0
VSS
0.7VDD
0.8VDD
VDD – 0.4
0
0
–0.3
–20
3.5
3.5
VDD
VDD
VDD
VDD + 0.3
0.3VDD
0.2VDD
0.4
+75
V
V
V
V
V
V
V
V
V
°C
Guaranteed range during operation
Guaranteed data hold operation range
during STOP
Liquid crystal power supply voltage∗1
Hysteresis input∗2
EXTAL pin∗3
Hysteresis input∗2
EXTAL pin∗3
Max.
Unit
Remarks
1 The optimum value is determined by the characteristics of the liquid crystal display element used.
2 They are the respective pins of INT1, WP, PX0, PX3, PY2, PY3 and RST.
3 Specified only during external clock input.
(VSS = 0V)
(Ta = –20 to +75°C, VSS = 0V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn