Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF02-AV01F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-AV01F3
Description  Dual audio and video line IPAD?? EMI filter and ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-AV01F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-AV01F3_10 Datasheet HTML 1Page - STMicroelectronics EMIF02-AV01F3_10 Datasheet HTML 2Page - STMicroelectronics EMIF02-AV01F3_10 Datasheet HTML 3Page - STMicroelectronics EMIF02-AV01F3_10 Datasheet HTML 4Page - STMicroelectronics EMIF02-AV01F3_10 Datasheet HTML 5Page - STMicroelectronics EMIF02-AV01F3_10 Datasheet HTML 6Page - STMicroelectronics EMIF02-AV01F3_10 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2010
Doc ID 12835 Rev 4
1/7
7
EMIF02-AV01F3
Dual audio and video line IPAD™, EMI filter and ESD protection
Features
High-density capacitor
EMI low-pass filter and ESD protection
High-efficiency in EMI filtering
Lead-free package
400 µm pitch
Very small PCB footprint: 0.77 mm x 1.17 mm
Very thin package: 0.605 mm
High reliability offered by monolithic integration
Reduction of parasitic elements thanks to CSP
integration
Complies with the following standards
IEC 61000-4-2 level 4 on external pin (A2, C2)
– 15 kV (air discharge)
– 8 kV (contact discharge)
IEC 61000-4-2 level 1 on internal pin (A1, C1)
– 2 kV (air discharge)
– 2 kV (contact discharge)
Application
Dual audio and video line interface protection
and filtering in mobile phones
Description
The EMIF02-AV01F3 is a highly integrated array
designed to suppress EMI / RFI noise and provide
impedance matching for mobile phones and
portable applications.
The EMIF02-AV01F3 is in Flip-Chip package to
offer space saving and high RF performance.
Additionally, this low-pass filter includes an ESD
protection circuitry to prevent damage to the
application when subjected to ESD surges up
to 15 kV.
Figure 1.
Pin configuration (bump side
view)
Figure 2.
Schematic
TM: IPAD is a trademark of STMicroelectronics.
Flip Chip
5 bumps
12
A
B
C
R
B2
Gnd
A1
R
A2
C
C1
C2
15 kV
C
15 kV
2 kV
2 kV
www.st.com


Similar Part No. - EMIF02-AV01F3_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-AV01F3 STMICROELECTRONICS-EMIF02-AV01F3 Datasheet
242Kb / 7P
   Dual audio and video line IPAD, EMI filter and ESD protection
More results

Similar Description - EMIF02-AV01F3_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-AV01F3 STMICROELECTRONICS-EMIF02-AV01F3 Datasheet
242Kb / 7P
   Dual audio and video line IPAD, EMI filter and ESD protection
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
   9-line IPAD, EMI filter and ESD protection
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
   10-line IPAD?? EMI filter and ESD protection
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
   Single line IPAD, EMI filter and ESD protection
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
   6-line IPAD?? EMI filter and ESD protection
EMIF01-TV02F3 STMICROELECTRONICS-EMIF01-TV02F3 Datasheet
170Kb / 7P
   Single line IPAD?? EMI filter and ESD protection
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
   2-line IPAD??EMI filter and ESD protection
EMIF04-EAR01F2 STMICROELECTRONICS-EMIF04-EAR01F2 Datasheet
192Kb / 7P
   4-line IPAD, EMI filter and ESD protection
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
   6-line IPAD?? EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com