Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2218D Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF2218D
Description  425 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2218D Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF2218D Datasheet HTML 1Page - RF Monolithics, Inc SF2218D Datasheet HTML 2Page - RF Monolithics, Inc SF2218D Datasheet HTML 3Page - RF Monolithics, Inc SF2218D Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 4
©2010 by RF Monolithics, Inc.
SF2218D - 7/27/10
8-Terminal Ceramic Surface-Mount Case
3.8 X 3.8 mm Nominal Footprint
SM3838-8 Case
TOP VIEW
BOTTOM VIEW
0.066
0.055 TYP.
(1.68)
(1.40)
PCB Footprint
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.6
3.8
4.0
0.142
0.150
0.157
B
3.6
3.8
4.0
0.142
0.150
0.157
C
1.05
1.20
1.35
0.041
0.047
0.053
D
0.95
1.10
1.25
0.037
0.043
0.049
E
0.90
1.00
1.10
0.035
0.040
0.043
F
0.50
0.60
0.70
0.020
0.024
0.028
G
2.39
2.54
2.69
0.090
0.100
0.110
H
1.40
1.75
2.05
0.055
0.069
0.080
Electrical Connections
Connection
Terminals
Port 1
Single-ended Input
2
Port 2
Balanced Output
5, 7
Ground
All Others
Dot Indicates Pin 1
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
A
1
2
3
B
7
6
5
4
C
H 7
6
5
4
E
F
G
1
2
3
8
8
D


Similar Part No. - SF2218D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2218D MURATA-SF2218D Datasheet
640Kb / 4P
   425 MHz SAW Filter
More results

Similar Description - SF2218D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1321A TAI-SAW-TA1321A Datasheet
412Kb / 6P
   SAW Filter 425 MHz
logo
Murata Manufacturing Co...
SF2218D MURATA-SF2218D Datasheet
640Kb / 4P
   425 MHz SAW Filter
logo
KR Electronics, Inc.
3079-SMA KR-3079-SMA Datasheet
77Kb / 3P
   425 MHz Bandpass Filter
3079 KR-3079 Datasheet
101Kb / 3P
   425 MHz Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0784A TAI-SAW-TB0784A Datasheet
402Kb / 7P
   SAW Filter 425 MHz(BW=0.5MHz) SMD 5.0mmX7.0mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com