Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2151B Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF2151B
Description  211.2 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2151B Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF2151B Datasheet HTML 1Page - RF Monolithics, Inc SF2151B Datasheet HTML 2Page - RF Monolithics, Inc SF2151B Datasheet HTML 3Page - RF Monolithics, Inc SF2151B Datasheet HTML 4Page - RF Monolithics, Inc SF2151B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 5
©2009 by RF Monolithics, Inc.
SF2151B - 2/4/09
CH1
S 11
1 U FS
CENTR
21 1 . 200
M Hz
SPA N
1 20
. 00 0
MHz
Cor
CH2
S2 1
LO G
10 dB/
RE F -2 0 d B
CENTER
211
. 2 00
000
MHz
S PAN
1 20 . 000
000
M Hz
Cor
CH3
S22
1 U FS
CE NTR
211
. 2 00
MHz
S PAN
1 20 . 000
M Hz
Co r
14 Ja n 2009 10:18:44
1
1: 59 . 88 1
14 . 28 9
10 . 7 68
nH
211
. 2 00
000
MHz
1
2
3
4
1 : 0 . 0 000
dB
0 . 00 0
000
M Hz
Ma x
REF=1
CH2
Ma rke rs
B W :
22 . 69 26 06
MHz
ce nt
:
210
. 9 46 526
MHz
Q: 9 . 29 58
1_ loss
: -1 3
. 38 4
dB
1
1: 4 6 . 279
-6 . 07 42
124 . 06
pF
2 11 . 20 0
0 00
M Hz
SF215 1B #29
De sig n 2
Full
Full
CH2
S21
LO G
10 dB/
RE F -2 0 d B
S TA RT
11 . 200
000
MHz
S TO P
1 0 00
. 000
000
M Hz
Cor
14 Jan 2009 10:20:38
1
2
3
4
1 : 0 . 0 000
dB
0 . 00 0
000
M Hz
Ma x
REF=1
CH2
Marke rs
B W :
22 . 68 70 26
MHz
ce nt
:
210
. 8 43037
MHz
Q : 9 . 2936
1_ loss
: -14
. 415
dB
SF215 1B
Resp
Filter Response and Impedance Plots
Filter Ultimate Rejection Plot


Similar Part No. - SF2151B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2151B MURATA-SF2151B Datasheet
231Kb / 5P
   211.2 MHz SAW Filter
More results

Similar Description - SF2151B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2151B MURATA-SF2151B Datasheet
231Kb / 5P
   211.2 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com