Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2120C Datasheet(PDF) 7 Page - RF Monolithics, Inc

Part # SF2120C
Description  149.00 MHz SAW Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2120C Datasheet(HTML) 7 Page - RF Monolithics, Inc

  SF2120C Datasheet HTML 1Page - RF Monolithics, Inc SF2120C Datasheet HTML 2Page - RF Monolithics, Inc SF2120C Datasheet HTML 3Page - RF Monolithics, Inc SF2120C Datasheet HTML 4Page - RF Monolithics, Inc SF2120C Datasheet HTML 5Page - RF Monolithics, Inc SF2120C Datasheet HTML 6Page - RF Monolithics, Inc SF2120C Datasheet HTML 7Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.RFM.com E-mail: info@rfm.com
Page 7 of 7
©2009-2010 by RF Monolithics, Inc.
SF2120C - 6/14/10
Tape and Reel Specifications
“B”
Nominal Size
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
3000
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
5.3 mm
Bo
5.3 mm
Ko
2.0 mm
Pitch
8.0 mm
W12.0 mm
PIN #1
See Detail "A"
2.0
12.0


Similar Part No. - SF2120C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2120C MURATA-SF2120C Datasheet
562Kb / 7P
   149 MHz SAW Filter
More results

Similar Description - SF2120C

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com