Electronic Components Datasheet Search |
|
Y-CONC-IE62S-IE2S-2000-F Datasheet(PDF) 20 Page - Yamaichi Electronics Co., Ltd. |
|
Y-CONC-IE62S-IE2S-2000-F Datasheet(HTML) 20 Page - Yamaichi Electronics Co., Ltd. |
20 / 42 page TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 19 Description: RJ45 180° coupler jack, Cat 5, with 8 pin 1:1 wiring, (including flange adapter and locking clip). For use with Y-ConFlange-10-* or Y-ConFlange-40-* RJ45 180°-Verbindungsbuchse, Cat 5,mit 8-poliger1:1-Verdrahtung (inklusive Flansch-Adapter und Stopper-Keil). Für den Einsatz mit Y-ConFlange-10-* oder Y-ConFlange-40-* Material Jack body PBT, UL94V-0 Isolierkörper Shielding Stainless Steel Schirmung Contact Contact area Au/Ni Kontakte Adapter / PBT, UL94V-0 Locking Clip PA, UL94V-0 Specifications: Operating Temp.: -20°C ~ +80°C Betriebstemp. Durability: 750 mechanical cycles Lebensdauer Description: RJ45, Cat 6, shielded Keystone jack 8 pin tool free. (Cat 6 i.a.w. ANSI / TIA / EIA 568-B.2-1) For AWG 24-26 (insulation ∅1.0 - 1.6mm). For use with Y-ConFlange-10-* or Y-ConFlange-40-* RJ45, Cat 6, geschirmte Buchse 8-polig, werkzeuglos. (Cat 6 nach ANSI / TIA / EIA 568-B.2-1). Für AWG 24-26 (Isolation ∅1.0 - 1.6mm). Für den Einsatz mit Y-ConFlange-10-* oder Y-ConFlange-40-* Material Jack body Die-cast zinc RJ45 body PA46 Isolierkörper RJ45 shield Tin Plated Brass Schirmung RJ45 contact 40µ“ Au/CuBe IDC contact CuZn37 Kontakte Specifications: Operating Temp.: -40°C ~ +80°C Betriebstemp. Durability: 750 mechanical cycles Lebensdauer 36.4 10.3 17.4 Series 16 = for use with Y-ConFlange-10-* only M = for use with Y-ConFlange-40-* only Series Design Number K = for use with Y-ConFlange-10-* only KM = for use with Y-ConFlange-40-* only Y-ConJack - 16 M Y-ConJack - 16 K M Part Number (Details) Part Number (Details) Industrial RJ45 Jacks Adapter for Y-ConJack-16K Adapter for Y-ConJack-16KM Adapter for Y-ConJack-16 Adapter for Y-ConJack-16M Y-ConJack-16KM Y-ConJack-16M |
Similar Part No. - Y-CONC-IE62S-IE2S-2000-F |
|
Similar Description - Y-CONC-IE62S-IE2S-2000-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |