Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2027B Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2027B
Description  199.0 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2027B Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2027B Datasheet HTML 1Page - RF Monolithics, Inc SF2027B Datasheet HTML 2Page - RF Monolithics, Inc SF2027B Datasheet HTML 3Page - RF Monolithics, Inc SF2027B Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 4
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2027B-041403
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Frequency
fN
1
199.0
MHz
Insertion Loss
(including matching to 200 ohms)
IL
< 7.0
dB
Group Delay Ripple, peak - peak
(198.9 .. 199.1 MHz)
< 700
ns
Amplitude Ripple, peak - peak
(198.9 .. 199.1 MHz)
< 1.0
dB
Relative attenuation
fn - 100 kHz .. fn +100 kHz (passband)
< 0.7
fn - 300 kHz,
fn +300 kHz
> 10
dB
fn - 500 kHz,
fn +500 kHz
> 27
dB
fn - 600 kHz,
fn +600 kHz
> 36
dB
<fn - 700 kHz,> fn +700 kHz
> 45
dB
Case Style
SMP-53-S 13.3 X 6.5 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) See note 4
RFM SF2027B YWWS
SMP-53-S
GSM BTS Receiver IF Applications
Small Size
Hermetic 13.3 X 6.5 mm Surface Mount Case
Input power Level short test
+18 dBm
standard operation, max
+10 dBm
Max DC Voltage between any 2 terminals
10V
Input: possible for balanced and unbalanced operation (TBD)
Output: Balanced
External matching to 50 or 200 ohms
199.0 MHz
SAW Filter
SF2027B
1.
Unless noted otherwise, all specifications apply over the operating temperature
range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer. A dB offset exists
for RFM because of the loss introduced by using transformers on the Input and
Output.
2.
Rejection is measured as attenuation below the minimum IL point in the pass-
band. Rejection in final user application is dependent on PCB layout and exter-
nal impedance matching design. See Application Note No. 42 for details.
3.
"LRIP" or "L" after the part number indicates "low rate initial production" and
"ENG" or "E" indicates "engineering prototypes."
4.
The design, manufacturing process, and specifications of this filter are subject
to change.
5.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1 and
Port 2, so that the filter must always be installed in one direction per the circuit
design.
6.
US and international patents may apply.
7.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of
RF Monolithics, Inc.
8.
©Copyright 1999, RF Monolithics Inc.
9.
Electrostatic Sensitive Device. Observe precautions for handling.
Notes:


Similar Part No. - SF2027B

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF202 WTE-SF202 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
SF202 CHENYI-SF202 Datasheet
158Kb / 2P
   SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF202 GOOD-ARK-SF202 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF202 JINANJINGHENG-SF202 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
Won-Top Electronics
SF202-T3 WTE-SF202-T3 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
More results

Similar Description - SF2027B

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com