Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2027B Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF2027B
Description  199.0 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2027B Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF2027B Datasheet HTML 1Page - RF Monolithics, Inc SF2027B Datasheet HTML 2Page - RF Monolithics, Inc SF2027B Datasheet HTML 3Page - RF Monolithics, Inc SF2027B Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
199.0 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 3 of 4
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2027B-041403
SMP-53-S Case
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
13.3
.524
B
6.5
.256
C
2.00
.078
D
2.3
.091
E
1.91
.075
F
1.02
.040
G
1.0
0.039
Connection
Terminals
Port 1 Input Hot
1
Port 1 Input Gnd Return
10
Port 2 Output Hot
6
Port 2 Output Gnd Return
5
Case Ground
All others
Single Ended Operation
Return is ground
Differential Operation
Return is hot
10-Terminal Ceramic Surface-Mount Case
13.3 x 6.5 mm Nominal Footprint
Electrical Connections
Case Dimensions
B
A
TOP VIEW
BOTTOM VIEW


Similar Part No. - SF2027B

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF202 WTE-SF202 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
SF202 CHENYI-SF202 Datasheet
158Kb / 2P
   SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF202 GOOD-ARK-SF202 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF202 JINANJINGHENG-SF202 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
Won-Top Electronics
SF202-T3 WTE-SF202-T3 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
More results

Similar Description - SF2027B

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com