Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3355C Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # RF3355C
Description  390.0 MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3355C Datasheet(HTML) 3 Page - RF Monolithics, Inc

  RF3355C Datasheet HTML 1Page - RF Monolithics, Inc RF3355C Datasheet HTML 2Page - RF Monolithics, Inc RF3355C Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
390.0 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 3 of 3
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF3355C-071907
1
2
3
8
50Ω Output
7
6
5
4
9pf
9pf
44nH
44nH
50Ω
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage
12
VDC
Storage Temperature
-45 to +85
°C
Operating Temperature
-35 to +85
°C
Soldering Temperature
(10 seconds / 5 cycles max.)
260
°C
Pin
Connection
1
Input
2
Input Ground
3
to be Grounded
4
Case Ground
5
Output
6
Output Ground
7
to be Grounded
8
Case Ground
Matching Circuit to 50
Electrical Connections
A
1
2
3
B
7
6
5
4
C
D 7
6
5
4
E
F
G
1
2
3
8
8
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
4.8
5.0
5.2
0.189
0.197
0.205
B
4.8
5.0
5.2
0.189
0.197
0.205
C
1.7
0.067
D
2.08
0.082
E
1.17
0.046
F
0.64
0.025
G
2.39
2.54
2.69
0.094
0.100
0.106
Case Dimensions


Similar Part No. - RF3355C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3355C MURATA-RF3355C Datasheet
88Kb / 3P
   390.0 MHz SAW Filter
More results

Similar Description - RF3355C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3355C MURATA-RF3355C Datasheet
88Kb / 3P
   390.0 MHz SAW Filter
logo
Abracon Corporation
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
   SMD 390.0 MHz SAW FILTER
logo
RF Monolithics, Inc
RO2188 RFM-RO2188 Datasheet
144Kb / 2P
   390.0 MHz SAW Resonator
RO2188A RFM-RO2188A Datasheet
98Kb / 2P
   390.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3188A MURATA-RO3188A_15 Datasheet
171Kb / 3P
   390.0 MHz SAW Resonator
RO3188A MURATA-RO3188A Datasheet
393Kb / 2P
   390.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RF1355 RFM-RF1355 Datasheet
145Kb / 2P
   390.0 MHz SAW Fil
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
RF Monolithics, Inc
SC3031B RFM-SC3031B Datasheet
77Kb / 2P
   390.0 MHz Differential Sine-Wave Clock
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com