Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL5507M Datasheet(PDF) 3 Page - Sony Corporation

Part No. CXL5507M
Description  CMOS-CCD 1H Delay Line for NTSC
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5507M Datasheet(HTML) 3 Page - Sony Corporation

  CXL5507M Datasheet HTML 1Page - Sony Corporation CXL5507M Datasheet HTML 2Page - Sony Corporation CXL5507M Datasheet HTML 3Page - Sony Corporation CXL5507M Datasheet HTML 4Page - Sony Corporation CXL5507M Datasheet HTML 5Page - Sony Corporation CXL5507M Datasheet HTML 6Page - Sony Corporation CXL5507M Datasheet HTML 7Page - Sony Corporation CXL5507M Datasheet HTML 8Page - Sony Corporation CXL5507M Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
– 3 –
CXL5507M/P
Notes
(1) This is the IC supply current value during clock and signal input.
(2) GL is the output gain of OUT pin when a 500mVp-p, 200kHz sine wave is fed to IN pin.
GL = 20 log
[dB]
(3) Indicates the dissipation at 2MHz in relation to 200kHz.
From the output voltage at OUT pin when a 150mVp-p, 200kHz sine wave is fed to IN pin, and from the
output voltage at OUT pin when a 150mVp-p, 2MHz sine wave is fed to same, calculation is made
according to the following formula. Input bias is tested at 2.1V.
fg = 20 log
[dB]
(4) The internal clock component to the output signal during no-signal input and the leakage of that high
harmonic component are tested. Input bias is tested at 2.1V.
OUT pin output voltage [mVp-p]
500 [mVp-p]
OUT pin otuput voltage (2MHz) [mVp-p]
OUT pin output voltage (200kHz) [mVp-p]
Test value
(mVp-p)
(5) Input no signal noise components are tested with the video noise meter at BPF 10kHz to 3MHz. This is
calculated from the output gain (GL), at the input of 200kHz, 500mVp-p and according to the following
formula.
S/N = –20 Iog
[dB]
(6) Respective outputs are tested at the input of the 5-staircase waves seen in the figure below (Iuminance
signals only) and calculated according to the formula below.
(However, output signals become inverted with regards to input.)
Noise (mVrms)
0.5 10 GL/20
40 IRE
100 IRE
500mV
Vs
Vp
Vc
Va
LIS =
× 100 [%]
Vs
Va
LIL =
× 100 [%]
Vp
Va
LIC =
× 100 [%]
Vc
Va


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXL5509MCMOS-CCD 1H/2H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5512MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5513MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL1504MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5001MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5002MCMOS-CCD 1/2H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5005MCMOS-CCD 1H Delay Line for NTSC with PLL 1 2 3 4 5 MoreSony Corporation
CXL5502MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5504MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5505MCMOS-CCD 1H Delay Line for PAL 1 2 3 4 5 MoreSony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn