Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLM-5050UX3C-04-12-12V-W Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLM-5050UX3C-04-12-12V-W
Description  LED Strip Specifications PRODUCT SPECIFICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLM-5050UX3C-04-12-12V-W Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLM-5050UX3C-04-12-12V-W Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-5050UX3C-04-12-12V-W Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-5050UX3C-04-12-12V-W Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-5050UX3C-04-12-12V-W Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model. No.
■Rating Electrical/Optical Characteristics(1 PC)
■ Rating Electrical/Optical Characteristics(20 PC)
Page
3/4
1200
1200
1200
1200
19.2W
19.2W
19.2W
19.2W
DC12
DC12
0.96
80
2.1m±0.1m
2.1m±0.1m
19.2W
2.1m±0.1m 2.1m±0.1m 2.1m±0.1m
Single LED
Luminous
Intensity(MCD)
Input Current(mA)
Power Dissipation(W)
Operation Voltage(V)
80
Operation
Temperature(
℃)
DC12
single LED
Operating
Current(mA)
Item
Approval
net weight:(g)
Life Time(hrs)
Dimension:(mm)
LED Quantity(pcs)
Luminous Flux(lm)
Wavelength(nm)
Angle(°)
White
DC12
0.96
80
DC12
0.96
0.96
0.96
80
80
1500
1500
5000
625-635
Green
515-525
Yellow
Blue
Red
4
Http://www.foryard.com
240g
240g
590-594
CCT:5000K-6500K
6000
465-475
-20~60
20
50.4
Power Dissipation
CE (NO: E8 06 01 57489 001)
72
16.8
Weight
50000
12
Item
Red
L46*W31*H10
240g
240g
240g
1200
Rev.
Yellow
Blue
Green
White
1200
120
25.2
25.2
Model No.
:FYLM-5050UX3C-04-12-12V-W
Total Length
Input Current(mA)
FYLM-5050UX3C-04-12-12V-W
A


Similar Part No. - FYLM-5050UX3C-04-12-12V-W

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLM-5050UX3C-04-07-12V-W FORYARD-FYLM-5050UX3C-04-07-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050UX3C-04-22-12V-W FORYARD-FYLM-5050UX3C-04-22-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
More results

Similar Description - FYLM-5050UX3C-04-12-12V-W

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLH-5050UX3C-30-12V-LW FORYARD-FYLH-5050UX3C-30-12V-LW Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050UX3C-02-21-12V-W FORYARD-FYLM-5050UX3C-02-21-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-1044UXC-03-01-12V-W FORYARD-FYLM-1044UXC-03-01-12V-W Datasheet
1,000Kb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-1654UXC-04-07-12V-W FORYARD-FYLM-1654UXC-04-07-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLH-3528UXC-60-12V-LW FORYARD-FYLH-3528UXC-60-12V-LW Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-3528UXC-04-22-12V-W FORYARD-FYLM-3528UXC-04-22-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-3528UXC-03-32-12V-W FORYARD-FYLM-3528UXC-03-32-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050RGB-03-02-12V-W FORYARD-FYLM-5050RGB-03-02-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050UX3C-04-22-12V-W FORYARD-FYLM-5050UX3C-04-22-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050UX3C-03-08-12V-W FORYARD-FYLM-5050UX3C-03-08-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com