Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1432C Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF1432C
Description  319.500 MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1432C Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF1432C Datasheet HTML 1Page - RF Monolithics, Inc RF1432C Datasheet HTML 2Page - RF Monolithics, Inc RF1432C Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 3
©2008 by RF Monolithics, Inc.
RF1432C - 3/21/08
CH1
S 11
1 U FS
Cor
PRm
CH2
S 22
1 U FS
CENTER 319.500 000 MHz
SPAN
2.000 000 MHz
Cor
PRm
13 Jun 2006 05:48:35
1
1_ 47.43
0.877
436.84 pH
319.500 000 MHz
1
1_: 49.184
-3.6387
136.9 pF
319.500 000 MHz
RF1432C SN2 R7
Full
Full
CH1
S 21
log MAG
1 dB/
REF -4 dB
CH1 CENTER 319.500 000 MHz
SPAN
2.000 000 MHz
Cor
PRm
CH2
S 21
log MAG
REF -3 dB
10 dB/
CH2 CENTER 319.500 000 MHz
SPAN 50.000 000 MHz
Cor
PRm
13 Jun 2006 05:49:08
1
2
3
4
1_: 0
dB
0.000 000 MHz
Max
REF=1
BW:
.608 859 MHz
cent: 319.496746 MHz
Q: 524.75
1_ loss: -1.8101 dB
1
2
3
1_ 0
dB
0.000 000 MHz
REF=1
2_ -58.838 dB
-10.7 MHz
3_ -58.007 dB
-21.4 MHz
RF1432C SN2 R7
Resp
Resp


Similar Part No. - RF1432C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF1432C MURATA-RF1432C Datasheet
91Kb / 3P
   319.5 MHz SAW Filter
More results

Similar Description - RF1432C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1284 RFM-RF1284 Datasheet
158Kb / 2P
   319.500 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com