Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL5506M Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXL5506M
Description  CMOS-CCD 1H Delay Line for PAL
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5506M Datasheet(HTML) 1 Page - Sony Corporation

  CXL5506M Datasheet HTML 1Page - Sony Corporation CXL5506M Datasheet HTML 2Page - Sony Corporation CXL5506M Datasheet HTML 3Page - Sony Corporation CXL5506M Datasheet HTML 4Page - Sony Corporation CXL5506M Datasheet HTML 5Page - Sony Corporation CXL5506M Datasheet HTML 6Page - Sony Corporation CXL5506M Datasheet HTML 7Page - Sony Corporation CXL5506M Datasheet HTML 8Page - Sony Corporation CXL5506M Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CMOS-CCD 1H Delay Line for PAL
Description
The CXL5506M/P are CMOS-CCD delay line ICs
that provide 1H delay time for PAL signals including
the external low-pass filter.
Features
• Single 5V power supply
• Low power consumption 95mW (Typ.)
• Built-in peripheral circuits
Functions
• 1130-bit CCD register
• Clock driver
• Auto-bias circuit
• Input clamp circuit
• Sample-and-hold circuit
Structure
CMOS-CCD
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VDD
6V
• Operating temperature Topr
–10 to +60
°C
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
CXL5506M
350
mW
CXL5506P
480
mW
Recommended Operating Condition (Ta = 25°C)
Supply voltage
VDD
5 ± 5%
V
Recommended Clock Conditions (Ta = 25°C)
• Input clock amplitude
VCLK
0.3 to 1.0
Vp-p
(0.5Vp-p typ.)
• Clock frequency
fCLK
17.734475
MHz
• Input clock waveform
Sine wave
Input Signal Amplitude
VSIG
575mVp-p (Max.) (at internal clamp condition)
– 1 –
E90632B7X-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXL5506M/P
Blook Diagram and Pin Configuration (Top View)
Output circuit
(S/H 1bit)
1
2
3
4
5
7
8
Auto-bias circuit
Timing circuit
Bias circuit
CCD
(1130bit)
Clock driver
Bias circuit (A)
Bias circuit (B)
Clamp circuit
6
CXL5506M
8 pin SOP (Plastic)
CXL5506P
8 pin DIP (Plastic)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXL5505MCMOS-CCD 1H Delay Line for PAL 1 2 3 4 5 MoreSony Corporation
CXL5508MCMOS-CCD 1H Delay Line for PAL 1 2 3 4 5 MoreSony Corporation
CXL5514MCMOS-CCD 1H Delay Line for PAL 1 2 3 4 5 MoreSony Corporation
CXL1506MCMOS-CCD 1H/2H Delay Line for PAL 1 2 3 4 5 MoreSony Corporation
CXL5515MCMOS-CCD 1H Delay Line for PAL 1 2 3 4 5 MoreSony Corporation
CXL5003MCMOS-CCD 1H Delay Line for PAL 1 2 3 4 5 MoreSony Corporation
CXL5507MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL1511MCCD Delay Line for PAL 1 2 3 4 5 MoreSony Corporation
CXL5509MCMOS-CCD 1H/2H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5512MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn