Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL5506M Datasheet(PDF) 2 Page - Sony Corporation

Part No. CXL5506M
Description  CMOS-CCD 1H Delay Line for PAL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5506M Datasheet(HTML) 2 Page - Sony Corporation

  CXL5506M Datasheet HTML 1Page - Sony Corporation CXL5506M Datasheet HTML 2Page - Sony Corporation CXL5506M Datasheet HTML 3Page - Sony Corporation CXL5506M Datasheet HTML 4Page - Sony Corporation CXL5506M Datasheet HTML 5Page - Sony Corporation CXL5506M Datasheet HTML 6Page - Sony Corporation CXL5506M Datasheet HTML 7Page - Sony Corporation CXL5506M Datasheet HTML 8Page - Sony Corporation CXL5506M Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
– 2 –
CXL5506M/P
∗ Description of Pin 2 (VG2)
Control of input signal clamp condition
0V ........ Sync tip clamp condition
5V ........ Center bias condition
Center biased to approx. 2.1V by means of the IC internal resistance (approx. 10k
Ω).
In this mode, the input signal is limited to APL 50% and the maximum input signal amplitude is
200mVp-p.
Clamp
level
Input waveform
Output waveform
Pin Description
Pin No.
Symbol
Description
Impedance
1
2 ∗
3
4
5
6
7
8
IN
VG2
OUT
VSS
CLK
VG1
VDD
AB
Signal input
Gate bias 2 DC input
Signal output
GND
Clock input
Gate bias 1 DC output
Power supply (5V)
Auto-bias DC output
> 10k
Ω at no clamp
40 to 500
> 10k
600 to 200k
I
I
O
I
O
O
I/O


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CXL5505M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5508M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5514M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL1506M CMOS-CCD 1H/2H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5515M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5003M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5507M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL1511M CCD Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5509M CMOS-CCD 1H/2H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5512M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn