Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL5505M Datasheet(PDF) 3 Page - Sony Corporation

Part No. CXL5505M
Description  CMOS-CCD 1H Delay Line for PAL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5505M Datasheet(HTML) 3 Page - Sony Corporation

  CXL5505M Datasheet HTML 1Page - Sony Corporation CXL5505M Datasheet HTML 2Page - Sony Corporation CXL5505M Datasheet HTML 3Page - Sony Corporation CXL5505M Datasheet HTML 4Page - Sony Corporation CXL5505M Datasheet HTML 5Page - Sony Corporation CXL5505M Datasheet HTML 6Page - Sony Corporation CXL5505M Datasheet HTML 7Page - Sony Corporation CXL5505M Datasheet HTML 8Page - Sony Corporation CXL5505M Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
– 3 –
CXL5505M/P
Electrical Characteristics
(Ta = 25°C, VDD = 5V, fCLK = 4.433619MHz, VCLK = 500mVp-p, sine wave)
See "Electrical Characteristics Test Circuit"
Notes
(1) This is the IC supply current value during clock and signal input.
(2) GL is the output gain of OUT pin when a 500mVp-p, 200kHz sine wave is fed to IN pin.
GL = 20 log
[dB]
(3) Indicates the dissipation at 4.43MHz in relation to 200kHz.
From the output voltage at OUT pin when a 150mVp-p, 200kHz sine wave is fed to IN pin, and from the
output voltage at OUT pin when a 150mVp-p, 4.43MHz sine wave is fed to same, calculation is made
according to the following formula.
fR = 20 log
[dB]
a
a
b
c
d
d
f
e
11
–2
–2
0
0
52
20
0
–1
3
3
56
29
2
0
5
5
350
mA
dB
dB
%
degree
mVp-p
dB
1
2
3
4
4
5
6
Unit
Note
Max.
Min.
Typ.
Item
Symbol
Test condition
SW condition
1
a
a
b
a
a
b
a
2
b
b
c
c
a
d
3
200kHz,
500mVp-p,
sine wave
200kHz
←→ 4.43MHz,
150mVp-p,
sine wave
5-staircase wave
(See Note 4)
5-staircase wave
(See Note 4)
No signal input
50% white
video signal
(See Note 6)
IDD
GL
fR
DG
DP
CP
SN
Supply current
Low frequency gain
Frequency response
Differential gain
Differential phase
S/H pulse coupling
S/N ratio
OUT pin output voltage [mVp-p]
500 [mVp-p]
OUT pin otuput voltage (4.43MHz) [mVp-p]
OUT pin output voltage (200kHz) [mVp-p]


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CXL5506M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5508M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5514M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL1506M CMOS-CCD 1H/2H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5515M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5003M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5507M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL1511M CCD Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5509M CMOS-CCD 1H/2H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5512M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn