Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXL5502P Datasheet(PDF) 1 Page - Sony Corporation

Part # CXL5502P
Description  CMOS-CCD 1H Delay Line for NTSC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5502P Datasheet(HTML) 1 Page - Sony Corporation

  CXL5502P Datasheet HTML 1Page - Sony Corporation CXL5502P Datasheet HTML 2Page - Sony Corporation CXL5502P Datasheet HTML 3Page - Sony Corporation CXL5502P Datasheet HTML 4Page - Sony Corporation CXL5502P Datasheet HTML 5Page - Sony Corporation CXL5502P Datasheet HTML 6Page - Sony Corporation CXL5502P Datasheet HTML 7Page - Sony Corporation CXL5502P Datasheet HTML 8Page - Sony Corporation CXL5502P Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CMOS-CCD 1H Delay Line for NTSC
Description
The CXL5502M/N/P are CMOS-CCD delay line ICs
that provide 1H delay time for NTSC signals including
the external low-pass filter.
The ICs contain a PLL circuit (quadruple progression).
Features
• Single power supply (5V)
• Low power consumption 95mW (Typ.)
• Built-in peripheral circuits
• Clamp level of I/O signal can be selected
• Built-in quadruple PLL circuit
Functions
• 905-bit CCD register
• Clock driver
• Autobias circuit
• Input clamp circuit
• Sample and hold circuit
• PLL circuit (quadruple progression)
Structure
CMOS-CCD
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VDD
6V
• Operating temperature Topr
–10 to +60
°C
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
CXL5502M
400
mW
CXL5502N
260
mW
CXL5502P
800
mW
Recommended Operating Condition (Ta = 25°C)
Supply voltage
VDD
5 ± 5%
V
Recommended Clock Conditions (Ta = 25°C)
• Input clock amplitude
VCLK
0.3 to 1.0
Vp-p
(0.5Vp-p typ.)
• Clock frequency
fCLK
3.579545
MHz
• Input clock waveform
Sine wave
Input Signal Amplitude
VSIG
500mVp-p (Typ.), 572mVp-p (Max.)
(at internal clamp condition)
– 1 –
E89930E79-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXL5502M/N/P
CXL5502M
14 pin SOP (Plastic)
CXL5502N
16 pin SSOP (Plastic)
CXL5502P
14 pin DIP (Plastic)
For the availability of this product, please contact the sales office.


Similar Part No. - CXL5502P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5504P SONY-CXL5504P Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5505P SONY-CXL5505P Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5506M SONY-CXL5506M Datasheet
107Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results

Similar Description - CXL5502P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL5005M SONY-CXL5005M Datasheet
112Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC with PLL
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com