Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD100HHF1 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RD100HHF1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,100W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD100HHF1 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RD100HHF1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD100HHF1
RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,100W
Publication Date : Oct.2011
3
TYPICAL CHARACTERISTICS
CHANNEL DISSIPATION VS.
AMBIENT TEMPERATURE
0
40
80
120
160
200
0
40
80
120
160
200
AMBIENT TEMPERATURE Ta(°C)
Vds VS. Crss CHARACTERISTICS
0
10
20
30
40
0
10
20
30
Vds(V)
Ta=+25°C
f=1MHz
Vds VS. Coss CHARACTERISTICS
0
100
200
300
400
500
0
10
20
30
Vds(V)
Ta=+25°C
f=1MHz
Vds VS. Ciss CHARACTERISTICS
0
50
100
150
200
250
300
0
10
20
30
Vds(V)
Ta=+25°C
f=1MHz
Vds-Ids CHARACTERISTICS
0
2
4
6
8
10
0
2
4
6
8
10
Vds(V)
Ta=+25°C
Vgs=5.7V
Vgs=5.4V
Vgs=5.1V
Vgs=4.8V
Vgs=4.2V
Vgs=6V
Vgs=4.5V
Vgs-Ids CHARACTERISTICS
0
2
4
6
8
10
0
1
2
3
4
5
6
7
Vgs(V)
Ta=+25°C
Vds=10V


Similar Part No. - RD100HHF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD100HHF1 MITSUBISHI-RD100HHF1 Datasheet
179Kb / 7P
   MOS FET type transistor specifically designed for HF High power amplifiers applications.
RD100HHF1 MITSUBISHI-RD100HHF1 Datasheet
267Kb / 8P
   Silicon MOSFET Power Transistor 30MHz,100W
RD100HHF1 MITSUBISHI-RD100HHF1_10 Datasheet
267Kb / 8P
   Silicon MOSFET Power Transistor 30MHz,100W
More results

Similar Description - RD100HHF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD00HHS1 MITSUBISHI-RD00HHS1 Datasheet
157Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD00HHS1 MITSUBISHI-RD00HHS1_10 Datasheet
126Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD16HHF1 MITSUBISHI-RD16HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,16W
RD06HHF1 MITSUBISHI-RD06HHF1_11 Datasheet
583Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
RD00HHS1 MITSUBISHI-RD00HHS1_11 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD06HHF1 MITSUBISHI-RD06HHF1_10 Datasheet
265Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
RD100HHF1 MITSUBISHI-RD100HHF1_10 Datasheet
267Kb / 8P
   Silicon MOSFET Power Transistor 30MHz,100W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com